Electronic Components Datasheet Search
  English  ▼

X  

74HC243DB Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HC243DB
Description  Quad bus transceiver; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC243DB Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC243DB Datasheet HTML 1Page - NXP Semiconductors 74HC243DB Datasheet HTML 2Page - NXP Semiconductors 74HC243DB Datasheet HTML 3Page - NXP Semiconductors 74HC243DB Datasheet HTML 4Page - NXP Semiconductors 74HC243DB Datasheet HTML 5Page - NXP Semiconductors 74HC243DB Datasheet HTML 6Page - NXP Semiconductors 74HC243DB Datasheet HTML 7Page - NXP Semiconductors 74HC243DB Datasheet HTML 8Page - NXP Semiconductors 74HC243DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
9397 750 13808
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 12 November 2004
5 of 17
Philips Semiconductors
74HC243
Quad bus transceiver; 3-state
7.
Functional description
7.1 Function table
[1]
H = HIGH voltage level;
L = LOW voltage level;
Z = high-impedance OFF-state.
8.
Limiting values
[1]
Above 70
°C: P
tot derates linearly with 12 mW/K.
[2]
Above 70
°C: P
tot derates linearly with 8 mW/K.
Table 4:
Function table [1]
Control
Input or output
OEA
OEB
An
Bn
L
L
input
B = A
HL
Z
Z
LH
Z
Z
H
H
A = B
input
Table 5:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to
GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7
V
IIK
input diode current
VI < −0.5 V or VI >VCC + 0.5 V
-
±20
mA
IOK
output diode current
VO < −0.5 V or
VO >VCC + 0.5 V
-
±20
mA
IO
output source or sink
current
VO = −0.5 V to VCC + 0.5 V
-
±35
mA
ICC, IGND
VCC or GND current
-
±70
mA
Tstg
storage temperature
−65
+150
°C
Ptot
power dissipation
DIP14 package
[1] -
750
mW
SO14 and SSOP16
packages
[2] -
500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com