Electronic Components Datasheet Search
  English  ▼

X  

74HC243DB Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC243DB
Description  Quad bus transceiver; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC243DB Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC243DB Datasheet HTML 4Page - NXP Semiconductors 74HC243DB Datasheet HTML 5Page - NXP Semiconductors 74HC243DB Datasheet HTML 6Page - NXP Semiconductors 74HC243DB Datasheet HTML 7Page - NXP Semiconductors 74HC243DB Datasheet HTML 8Page - NXP Semiconductors 74HC243DB Datasheet HTML 9Page - NXP Semiconductors 74HC243DB Datasheet HTML 10Page - NXP Semiconductors 74HC243DB Datasheet HTML 11Page - NXP Semiconductors 74HC243DB Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
9397 750 13808
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 12 November 2004
8 of 17
Philips Semiconductors
74HC243
Quad bus transceiver; 3-state
11. Dynamic characteristics
VOL
LOW-level output voltage
VI =VIH or VIL
-
IO =20 µA; VCC = 2.0 V
-
-
0.1
V
IO =20 µA; VCC = 4.5 V
-
-
0.1
V
IO =20 µA; VCC = 6.0 V
-
-
0.1
V
IO = 6.0 mA; VCC = 4.5 V
-
-
0.4
V
IO = 7.8 mA; VCC = 6.0 V
-
-
0.4
V
ILI
input leakage current
VI =VCC or GND; VCC = 6.0 V
-
-
±1.0
µA
IOZ
3-state OFF-state current
VI =VIH or VIL; VCC = 6.0 V;
VO =VCC or GND
--
±10.0
µA
ICC
quiescent supply current
VI =VCC or GND; IO =0A;
VCC = 6.0 V
-
-
160
µA
Table 7:
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 8:
Dynamic characteristics
GND = 0 V; tr =tf = 6 ns; CL = 50 pF; RL = 1000 Ω; see Figure 8.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
tPHL, tPLH
propagation delay An to Bn; Bn to An
see Figure 5
VCC = 2.0 V
-
22
90
ns
VCC = 4.5 V
-
8
18
ns
VCC = 6.0 V
-
6
15
ns
VCC = 5.0 V; CL =15pF
-
6
-
ns
tPZH, tPZL
3-state output enable time OEA to An or Bn;
OEB to An or Bn
see Figure 6 and 7
VCC = 2.0 V
-
50
150
ns
VCC = 4.5 V
-
18
30
ns
VCC = 6.0 V
-
14
26
ns
tPHZ, tPLZ
3-state output disable time OEA to An or Bn;
OEB to An or Bn
see Figure 6 and 7
VCC = 2.0 V
-
61
165
ns
VCC = 4.5 V
-
22
33
ns
VCC = 6.0 V
-
18
28
ns
tTHL, tTLH
output transition time
see Figure 5
VCC = 2.0 V
-
14
60
ns
VCC = 4.5 V
-
5
12
ns
VCC = 6.0 V
-
4
10
ns
CPD
power dissipation capacitance per transceiver
VI = GND to VCC
[1] -26
-
pF
Tamb = −40 °C to +85 °C
tPHL, tPLH
propagation delay An to Bn; Bn to An
see Figure 5
VCC = 2.0 V
-
-
115
ns
VCC = 4.5 V
-
-
23
ns
VCC = 6.0 V
-
-
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com