Electronic Components Datasheet Search
  English  ▼

X  

AM29SL400CT100RWAC Datasheet(PDF) 3 Page - SPANSION

Part # AM29SL400CT100RWAC
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29SL400CT100RWAC Datasheet(HTML) 3 Page - SPANSION

  AM29SL400CT100RWAC Datasheet HTML 1Page - SPANSION AM29SL400CT100RWAC Datasheet HTML 2Page - SPANSION AM29SL400CT100RWAC Datasheet HTML 3Page - SPANSION AM29SL400CT100RWAC Datasheet HTML 4Page - SPANSION AM29SL400CT100RWAC Datasheet HTML 5Page - SPANSION AM29SL400CT100RWAC Datasheet HTML 6Page - SPANSION AM29SL400CT100RWAC Datasheet HTML 7Page - SPANSION AM29SL400CT100RWAC Datasheet HTML 8Page - SPANSION AM29SL400CT100RWAC Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
ADVANCE INFORMATION
This document contains information on a product under development at Advanced Micro Devices. The information is in-
tended to help you evaluate this product. AMD reserves the right to change or discontinue work on this proposed product
without notice.
Publication# Am29SL400C Rev: A
Amendment+5
Refer to AMD’s Website (www.amd.com) for the latest information.
Am29SL400C
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only
Super Low Voltage Flash Memory
Distinctive Characteristics
■
Single power supply operation
— 1.65 to 2.2 V for read, program, and erase
operations
— Ideal for battery-powered applications
■
Manufactured on 0.32 µm process
technology
■
High performance
— Access times as fast as 100 ns
■
Ultra low power consumption (typical
values at 5 MHz)
— 1 µA Automatic Sleep Mode current
— 1 µA standby mode current
— 5 mA read current
— 20 mA program/erase current
■
Flexible sector architecture
— One 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and
seven 64 Kbyte sectors (byte mode)
— One 8 Kword, two 4 Kword, one 16 Kword, and
seven 32 Kword sectors (word mode)
— Supports full chip erase
— Sector Protection features:
A hardware method of locking a sector to
prevent any program or erase operations
within that sector
Sectors can be locked in-system or via
programming equipment
Temporary Sector Unprotect feature allows code
changes in previously locked sectors
■
Unlock Bypass Program Command
— Reduces overall programming time when
issuing multiple program command sequences
■
Top or bottom boot block configurations
available
■
Embedded Algorithms
— Embedded Erase algorithm automatically
preprograms and erases the entire chip or any
combination of designated sectors
— Embedded Program algorithm automatically
writes and verifies data at specified addresses
■
Minimum 1,000,000 erase cycle
guarantee per sector
■
20-year data retention at 125°C
■
Package option
—48-ball FBGA
—48-pin TSOP
■
Compatibility with JEDEC standards
— Pinout and software compatible with
single-power supply Flash
— Superior inadvertent write protection
■
Data# Polling and toggle bits
— Provides a software method of detecting
program or erase operation completion
■
Ready/Busy# pin (RY/BY#)
— Provides a hardware method of detecting
program or erase cycle completion
■
Erase Suspend/Erase Resume
— Suspends an erase operation to read data
from, or program data to, a sector that is not
being erased, then resumes the erase
operation
■
Hardware reset pin (RESET#)
— Hardware method to reset the device to
reading array data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com