Electronic Components Datasheet Search
  English  ▼

X  

AM29SL400CT100RWAC Datasheet(PDF) 43 Page - SPANSION

Part # AM29SL400CT100RWAC
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29SL400CT100RWAC Datasheet(HTML) 43 Page - SPANSION

Back Button AM29SL400CT100RWAC Datasheet HTML 36Page - SPANSION AM29SL400CT100RWAC Datasheet HTML 37Page - SPANSION AM29SL400CT100RWAC Datasheet HTML 38Page - SPANSION AM29SL400CT100RWAC Datasheet HTML 39Page - SPANSION AM29SL400CT100RWAC Datasheet HTML 40Page - SPANSION AM29SL400CT100RWAC Datasheet HTML 41Page - SPANSION AM29SL400CT100RWAC Datasheet HTML 42Page - SPANSION AM29SL400CT100RWAC Datasheet HTML 43Page - SPANSION AM29SL400CT100RWAC Datasheet HTML 44Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
March 3, 2005
41
Ad vance
Inform ati o n
Revision Summary
Revision A (August 14, 2002)
Initial Release.
Revision A+1 (August 28, 2002)
Sector Protection/Unprotection
Changed beginning of second paragraph from, “The
primary method....” to read, “Sector protection/un-
protection.”
Deleted third paragraph.
FBB048—48-Ball Fine-Pitch Ball Grid Array (FBGA)
6 x 8 mm package
Changed number in row D in table from 9.00 mm to
8.0 mm.
Revision A + 2 (February 5, 2003)
Global
Changed fastest speed option from 103 ns to 100 ns,
regulated voltage, added 110 ns speed option stan-
dard voltage.
General Description
Changed first sentenced to indicate 48-pin TSOP
package option.
Command Definitions, Table 5
Removed TBD markers from device ID, Top Boot
Block to 70h.
Removed TBD markers from device ID, Bottom Boot
Block to FIh.
Changed address bits A18–A11 to A17–A11.
Physical Dimensions, 48-pin TSOP
Changed from Reverse to Standard TSOP package.
Revision A + 3 (February 26, 2003)
Global
Added 110 ns speed option.
Distinctive Characteristics
Updated Automatic Sleep Mode and standby mode
current values.
Pin Configuration
Updated VCC low-end value.
Ordering Information
Changed WB package type to WA.
DC Characteristics, CMOS Compatible
Updated VCC Standby and Reset currents Typ values,
and Automatic Sleep Mode Typ value.
Revision A+ 4 (March 18, 2003)
Ordering Information, Valid Combinations
Removed dashes from Order Numbers.
Revision A + 5 (March 3, 2005)
Ordering Information
Added Commercial and Industrial Pb-free Package
temperatures.
Valid Combinations for TSOP package
Added two package codes
Valid Combination for FBGA package
Added two package codes
Global
Added Colophon.
Updated Trademark information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com