Electronic Components Datasheet Search
  English  ▼

X  

AD8139 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8139
Description  Low Noise Rail-to-Rail Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8139 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8139 Datasheet HTML 9Page - Analog Devices AD8139 Datasheet HTML 10Page - Analog Devices AD8139 Datasheet HTML 11Page - Analog Devices AD8139 Datasheet HTML 12Page - Analog Devices AD8139 Datasheet HTML 13Page - Analog Devices AD8139 Datasheet HTML 14Page - Analog Devices AD8139 Datasheet HTML 15Page - Analog Devices AD8139 Datasheet HTML 16Page - Analog Devices AD8139 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD8139
Rev. A | Page 13 of 24
–100
–75
–50
–25
50
25
75
0
100
TIME (ns)
5ns/DIV
VO, dm = 100mV p-p
CF = 0pF
(CF = 0pF,
VS = ±5V)
VO, dm
(CF = 2pF, VS = ±5V)
Figure 31. Small Signal Transient Response for Various CF
–0.100
–0.075
–0.050
–0.025
0.050
0.025
0.075
0
0.100
TIME (ns)
5ns/DIV
RS = 31.6Ω
CL, dm = 30pF
RS = 63.4Ω
CL, dm = 15pF
Figure 32. Small Signal Transient Response for Capacitive Loads
5
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
9.55
9.65
9.75
9.85
9.95 10.05 10.15 10.25 10.35 10.45 10.55
FREQUENCY (MHz)
VO, dm = 2V p-p
FC1 = 10MHz
FC2 = 10.1MHz
Figure 33. Intermodulation Distortion
–2.5
–1.5
–1.0
–0.5
1.0
0.5
2.0
–2.0
1.5
0
2.5
TIME (ns)
5ns/DIV
4V p-p
CF = 0pF
2V p-p
CF = 2pF
CF = 0pF
CF = 2pF
Figure 34. Large Signal Transient Response For CF
–1.5
–1.0
–0.5
1.0
0.5
0
1.5
TIME (ns)
5ns/DIV
RS = 63.4Ω
CL, dm = 15pF
RS = 31.6Ω
CL, dm = 30pF
Figure 35. Large Signal Transient Response for Capacitive Loads
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
600
–600
–400
–200
0
200
400
TIME (ns)
CF = 2pF
VO, dm = 2.0V p-p
35ns/DIV
ERROR
VIN
VO, dm
Figure 36. Settling Time (0.01%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com