Electronic Components Datasheet Search
  English  ▼

X  

AD8139 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8139
Description  Low Noise Rail-to-Rail Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8139 Datasheet(HTML) 2 Page - Analog Devices

  AD8139 Datasheet HTML 1Page - Analog Devices AD8139 Datasheet HTML 2Page - Analog Devices AD8139 Datasheet HTML 3Page - Analog Devices AD8139 Datasheet HTML 4Page - Analog Devices AD8139 Datasheet HTML 5Page - Analog Devices AD8139 Datasheet HTML 6Page - Analog Devices AD8139 Datasheet HTML 7Page - Analog Devices AD8139 Datasheet HTML 8Page - Analog Devices AD8139 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD8139
Rev. A | Page 2 of 24
TABLE OF CONTENTS
VS = ±5 V, VOCM = 0 V Specifications.............................................. 3
VS = 5 V, VOCM = 2.5 V Specifications ............................................. 5
Absolute Maximum Ratings............................................................ 7
Thermal Resistance ...................................................................... 7
ESD Caution.................................................................................. 7
Pin Configuration and Function Descriptions............................. 8
Typical Performance Characteristics ............................................. 9
Theory of Operation ...................................................................... 18
Typical Connection and Definition of Terms ........................ 18
Applications..................................................................................... 19
Estimating Noise, Gain, and Bandwidth with Matched
Feedback Networks .................................................................... 19
Outline Dimensions ....................................................................... 24
Ordering Guide .......................................................................... 24
REVISION HISTORY
8/04—Data Sheet Changed from a Rev. 0 to Rev. A.
Added 8-Lead LFCSP.........................................................Universal
Changes to General Description .................................................... 1
Changes to Figure 2.......................................................................... 1
Changes to VS = ±5 V, VOCM = 0 V Specifications ......................... 3
Changes to VS = 5 V, VOCM = 2.5 V Specifications......................... 5
Changes to Table 4............................................................................ 7
Changes to Maximum Power Dissipation Section....................... 7
Changes to Figure 26 and Figure 29............................................. 12
Inserted Figure 39 and Figure 42.................................................. 14
Changes to Figure 45 to Figure 47................................................ 15
Inserted Figure 48........................................................................... 15
Changes to Figure 52 and Figure 53............................................. 16
Changes to Figure 55 and Figure 56............................................. 17
Changes to Table 6.......................................................................... 19
Changes to Voltage Gain Section.................................................. 19
Changes to Driving a Capacitive Load Section .......................... 22
Changes to Ordering Guide .......................................................... 24
Updated Outline Dimensions ....................................................... 24
5/04—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com