Electronic Components Datasheet Search
  English  ▼

X  

2902002 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2902002
Description  Signal conditioner - MINI MCR-2-I4-U
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2902002 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2902002 Datasheet HTML 1Page - PHOENIX CONTACT 2902002 Datasheet HTML 2Page - PHOENIX CONTACT 2902002 Datasheet HTML 3Page - PHOENIX CONTACT 2902002 Datasheet HTML 4Page - PHOENIX CONTACT 2902002 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
https://www.phoenixcontact.com/pi/products/2902002
10/16/2018   Page 3 / 5
Signal conditioner - MINI MCR-2-I4-U - 2902002
Technical data
General
Degree of pollution
2
Rated insulation voltage
300 V (effective)
Test voltage, input/output/supply
3 kV (50 Hz, 1 min.)
Electromagnetic compatibility
Conformance with EMC directive
Noise emission
EN 61000-6-4
Noise immunity
EN 61000-6-2 When being exposed to interference, there may be
minimal deviations.
Color
gray
Housing material
PBT
Mounting position
any
Assembly instructions
The T connector can be used to bridge the supply voltage. It can be
snapped onto a 35 mm DIN rail according to EN 60715.
Conformance
CE-compliant
ATEX
 II 3 G Ex nA IIC T4 Gc X
UL, USA/Canada
UL 508 Listed
Class I, Div. 2, Groups A, B, C, D T6
Class I, Zone 2, Group IIC T6
Certificate of classification
DNV GL 14445-15HH
Fire protection for rail vehicles (DIN EN 45545-2) R22
HL 1 - HL 2
Fire protection for rail vehicles (DIN EN 45545-2) R23
HL 1 - HL 2
Fire protection for rail vehicles (DIN EN 45545-2) R24
HL 1 - HL 2
EMC data
Designation
Electromagnetic RF field
Standards/regulations
EN 61000-4-3
Designation
Fast transients (burst)
Standards/regulations
EN 61000-4-4
Designation
Conducted interferences
Standards/regulations
EN 61000-4-6
Standards and Regulations
Electromagnetic compatibility
Conformance with EMC directive
Noise emission
EN 61000-6-4
Standards/regulations
EN 61000-4-2
Designation
Electromagnetic RF field
Standards/regulations
EN 61000-4-3
EN 61000-4-4
EN 61000-4-5
Designation
Conducted interferences
Standards/regulations
EN 61000-4-6
Electrical isolation
Reinforced insulation in accordance with IEC 61010-1
Conformance
CE-compliant



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com