Electronic Components Datasheet Search
  English  ▼

X  

2902002 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2902002
Description  Signal conditioner - MINI MCR-2-I4-U
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2902002 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2902002 Datasheet HTML 1Page - PHOENIX CONTACT 2902002 Datasheet HTML 2Page - PHOENIX CONTACT 2902002 Datasheet HTML 3Page - PHOENIX CONTACT 2902002 Datasheet HTML 4Page - PHOENIX CONTACT 2902002 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/pi/products/2902002
10/16/2018   Page 1 / 5
Signal conditioner - MINI MCR-2-I4-U - 2902002
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
3-way signal conditioner with plug-in connection technology for the electrical isolation of analog signals. Input
signal: 4 ... 20 mA, output signal: 0 ... 10 V, screw connection technology
Product Description
Standard signal 3-way signal conditioner with plug-in connection technology for the electrical isolation, conversion, amplification, and filtering of
standard signals. The measuring transducer supports fault monitoring and NFC communication.
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356651844
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
6.2 mm
Height
110.5 mm
Depth
120.5 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 70 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Input data
Number of inputs
1
Configurable/programmable
no
Current input signal
4 mA ... 20 mA


Similar Part No. - 2902002

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2902000 PHOENIX-2902000 Datasheet
79Kb / 6P
Signal conditioner - MINI MCR-2-I0-U
2902001 PHOENIX-2902001 Datasheet
78Kb / 5P
Signal conditioner - MINI MCR-2-I0-U-PT
2902003 PHOENIX-2902003 Datasheet
78Kb / 5P
Signal conditioner - MINI MCR-2-I4-U-PT
2902004 PHOENIX-2902004 Datasheet
108Kb / 10P
Isolation amplifier - MINI MCR-2-NAM-2RO
2902005 PHOENIX-2902005 Datasheet
108Kb / 10P
Isolation amplifier - MINI MCR-2-NAM-2RO-PT
More results

Similar Description - 2902002

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2901998 PHOENIX-2901998 Datasheet
91Kb / 5P
Signal conditioner - MINI MCR-2-I-I
2902000 PHOENIX-2902000 Datasheet
79Kb / 6P
Signal conditioner - MINI MCR-2-I0-U
2902001 PHOENIX-2902001 Datasheet
78Kb / 5P
Signal conditioner - MINI MCR-2-I0-U-PT
2902003 PHOENIX-2902003 Datasheet
78Kb / 5P
Signal conditioner - MINI MCR-2-I4-U-PT
2902022 PHOENIX-2902022 Datasheet
82Kb / 5P
Signal conditioner - MINI MCR-2-U-I0
2902023 PHOENIX-2902023 Datasheet
82Kb / 5P
Signal conditioner - MINI MCR-2-U-I0-PT
2902026 PHOENIX-2902026 Datasheet
99Kb / 6P
Signal conditioner - MINI MCR-2-UNI-UI-UIRO
2902030 PHOENIX-2902030 Datasheet
79Kb / 5P
Signal conditioner - MINI MCR-2-U-I4-PT
2902040 PHOENIX-2902040 Datasheet
98Kb / 6P
Signal conditioner - MINI MCR-2-UI-UI-PT
2902042 PHOENIX-2902042 Datasheet
91Kb / 6P
Signal conditioner - MINI MCR-2-U-U
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com