Electronic Components Datasheet Search
  English  ▼

X  

2902829 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 2902829
Description  Signal conditioner - MINI MCR-SL-UI-I-LP-NC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2902829 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  2902829 Datasheet HTML 1Page - PHOENIX CONTACT 2902829 Datasheet HTML 2Page - PHOENIX CONTACT 2902829 Datasheet HTML 3Page - PHOENIX CONTACT 2902829 Datasheet HTML 4Page - PHOENIX CONTACT 2902829 Datasheet HTML 5Page - PHOENIX CONTACT 2902829 Datasheet HTML 6Page - PHOENIX CONTACT 2902829 Datasheet HTML 7Page - PHOENIX CONTACT 2902829 Datasheet HTML 8Page - PHOENIX CONTACT 2902829 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
https://www.phoenixcontact.com/us/products/2902829
12/21/2015   Page 5 / 9
Signal conditioner - MINI MCR-SL-UI-I-LP-NC - 2902829
Technical data
Input data
-3 mA ... 3 mA
-2.5 mA ... 2.5 mA
-2 mA ... 2 mA
8 mA ... 40 mA
6 mA ... 30 mA
4 mA ... 20 mA
2.4 mA ... 12 mA
2 mA ... 10 mA
1.6 mA ... 8 mA
1.5 mA ... 7.5 mA
1 mA ... 5 mA
1.2 mA ... 6 mA
0.8 mA ... 4 mA
0.6 mA ... 3 mA
0.5 mA ... 2.5 mA
0.4 mA ... 2 mA
Max. input voltage
< 40 V
Max. input current
< 50 mA (Dielectric strength up to 30 V)
Input resistance of voltage input
approx. 100 kΩ (At ≤ 1 V, otherwise approximately 1 MΩ)
Input resistance current input
≤ 50 Ω
Output data
Number of outputs
1
Configurable/programmable
Yes, preconfigured
Current output signal
4 mA ... 20 mA
Max. output current
35 mA (output limit)
Load/output load current output
(UB - 8 V) / 22 mA
Power supply
Supply voltage range
no separate supply voltage necessary
Power consumption
28 mW (without signal)
Connection data
Connection method
Screw connection
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section AWG min.
26
Conductor cross section AWG max.
12
Conductor cross section flexible min.
0.2 mm²



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com