Electronic Components Datasheet Search
  English  ▼

X  

2902829 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 2902829
Description  Signal conditioner - MINI MCR-SL-UI-I-LP-NC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2902829 Datasheet(HTML) 7 Page - PHOENIX CONTACT

  2902829 Datasheet HTML 1Page - PHOENIX CONTACT 2902829 Datasheet HTML 2Page - PHOENIX CONTACT 2902829 Datasheet HTML 3Page - PHOENIX CONTACT 2902829 Datasheet HTML 4Page - PHOENIX CONTACT 2902829 Datasheet HTML 5Page - PHOENIX CONTACT 2902829 Datasheet HTML 6Page - PHOENIX CONTACT 2902829 Datasheet HTML 7Page - PHOENIX CONTACT 2902829 Datasheet HTML 8Page - PHOENIX CONTACT 2902829 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
https://www.phoenixcontact.com/us/products/2902829
12/21/2015   Page 7 / 9
Signal conditioner - MINI MCR-SL-UI-I-LP-NC - 2902829
Technical data
EMC data
Typical deviation from the measuring range final value
2 %
Designation
Conducted interferences
Standards/regulations
EN 61000-4-6
Typical deviation from the measuring range final value
0.5 %
Standards and Regulations
Electromagnetic compatibility
Conformance with EMC Directive 2004/108/EC
Noise emission
EN 61000-6-4
Designation
Electromagnetic RF field
Standards/regulations
EN 61000-4-3
EN 61000-4-4
Designation
Conducted interferences
Standards/regulations
EN 61000-4-6
Electrical isolation
Basic insulation according to EN 61010
Conformance
CE-compliant
ATEX
 II 3 G Ex nA IIC T4 Gc X
UL, USA / Canada
UL 508 Listed
Class I, Div. 2, Groups A, B, C, D T5
Class I, Zone 2, Group IIC
Classifications
eCl@ss
eCl@ss 4.0
27210120
eCl@ss 4.1
27210120
eCl@ss 5.0
27210120
eCl@ss 5.1
27210120
eCl@ss 6.0
27210120
eCl@ss 7.0
27210120
eCl@ss 8.0
27210120
ETIM
ETIM 3.0
EC001485
ETIM 4.0
EC001485
ETIM 5.0
EC002653
UNSPSC
UNSPSC 6.01
30211506



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com