Electronic Components Datasheet Search
  English  ▼

X  

ICS8442B Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS8442B
Description  CRYSTAL OSCILLATOR-TO-DIFFERENTIAL LVDS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8442B Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS8442B Datasheet HTML 1Page - Integrated Device Technology ICS8442B Datasheet HTML 2Page - Integrated Device Technology ICS8442B Datasheet HTML 3Page - Integrated Device Technology ICS8442B Datasheet HTML 4Page - Integrated Device Technology ICS8442B Datasheet HTML 5Page - Integrated Device Technology ICS8442B Datasheet HTML 6Page - Integrated Device Technology ICS8442B Datasheet HTML 7Page - Integrated Device Technology ICS8442B Datasheet HTML 8Page - Integrated Device Technology ICS8442B Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ICS8442B
DATA SHEET
ICS8442BY REVISION A NOVEMBER 18, 2013
1
©2013 Integrated Device Technology, Inc.
700MHZ, CRYSTAL OSCILLATOR-TO-
DIFFERENTIAL LVDS FREQUENCY SYNTHESIZER
GENERAL DESCRIPTION
The ICS8442B is a general purpose, dual output Crystal-to-
Differential LVDS High Frequency Synthesizer . The ICS8442B
has a selectable TEST_CLK or crystal input. The TEST_CLK
input accepts LVCMOS or LVTTL input levels and translates
them to LVDS levels. The VCO operates at a frequency range
of 250MHz to 700MHz.The VCO frequency is programmed in
steps equal to the value of the input reference or crystal fre-
quency. The VCO and output frequency can be programmed
using the serial or parallel interface to the configuration logic.
The low phase noise characteristics of the ICS8442B makes
it an ideal clock source for Gigabit Ethernet and Sonet appli-
cations.
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• Dual differential LVDS outputs
• Selectable crystal oscillator interface or
LVCMOS/LVTTL TEST_CLK
• Output frequency range: 31.25MHz to 700MHz
• Crystal input frequency range: 10MHz to 25MHz
• VCO range: 250MHz to 700MHz
• Parallel or serial interface for programming counter
and output dividers
• RMS period jitter: 2.7ps (typical)
• Cycle-to-cycle jitter: 18ps (typical)
• 3.3V supply voltage
• 0°C to 85°C ambient operating temperature
• Lead-Free package fully RoHS compliant
ICS 8442B
32-Lead LQFP
7mm x 7mm x 1.4mm package body
Y Package
Top View
OSC
VCO_SEL
XTAL_SEL
TEST_CLK
XTAL_IN
XTAL_OUT
S_LOAD
S_DATA
S_CLOCK
nP_LOAD
M0:M8
N0:N1
VCO
PLL
FOUT0
nFOUT0
FOUT1
nFOUT1
TEST
CONFIGURATION
INTERFACE
LOGIC
÷ M
0
1
0
1
PHASE DETECTOR
÷ 1
÷ 2
÷ 4
÷ 8
MR
32 31 30 29 28 27 26 25
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
XTAL_OUT
TEST_CLK
XTAL_SEL
VDDA
S_LOAD
S_DATA
S_CLOCK
MR
M5
M6
M7
M8
N0
N1
nc
GND
ICS8442


Similar Part No. - ICS8442B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS8442B RENESAS-ICS8442B Datasheet
533Kb / 17P
700MHZ, CRYSTAL OSCILLATOR-TODIFFERENTIAL LVDS FREQUENCY SYNTHESIZER
NOVEMBER 18, 2013
logo
Integrated Device Techn...
ICS8442BI IDT-ICS8442BI Datasheet
189Kb / 16P
CRYSTAL OSCILLATOR-TO-DIFFERENTIAL LVDS
logo
Renesas Technology Corp
ICS8442BI RENESAS-ICS8442BI Datasheet
509Kb / 17P
700MHZ, CRYSTAL OSCILLATOR-TODIFFERENTIAL LVDS FREQUENCY SYNTHESIZER
NOVEMBER 18, 2013
More results

Similar Description - ICS8442B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8442 ICST-ICS8442 Datasheet
284Kb / 15P
700MHZ, CRYSTAL OSCILLATOR-TO-DIFFERENTIAL LVDS FREQUENCY SYNTHESIZER
REV. C JULY 8, 2004
ICS8442I ICST-ICS8442I Datasheet
183Kb / 15P
700MHZ, CRYSTAL OSCILLATOR-TO-DIFFERENTIAL LVDS FREQUENCY SYNTHESIZER
REV. C MAY 10, 2005
logo
Crystek Corporation
CCLD-915 CRYSTEKCRYSTAL-CCLD-915 Datasheet
112Kb / 1P
Differential LVDS Clock Oscillator
logo
Vectron International, ...
VC-806_1106 VECTRON-VC-806_1106 Datasheet
176Kb / 7P
LVPECL, LVDS Crystal Oscillator
logo
Integrated Device Techn...
ICS8442BI IDT-ICS8442BI Datasheet
189Kb / 16P
CRYSTAL OSCILLATOR-TO-DIFFERENTIAL LVDS
logo
Epson Company
SG3225VEN EPSON-SG3225VEN Datasheet
618Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : LVDS
logo
Microchip Technology
VC-714 MICROCHIP-VC-714 Datasheet
1Mb / 18P
LVPECL, LVDS Crystal Oscillator
02/28/20
VC-830 MICROCHIP-VC-830 Datasheet
1Mb / 18P
LVPECL, LVDS Crystal Oscillator
02/28/20
logo
AiT Semiconductor Inc.
KOL3225 AITSEMI-KOL3225 Datasheet
252Kb / 1P
LVDS CRYSTAL OSCILLATOR
KOLM AITSEMI-KOLM Datasheet
241Kb / 1P
LVDS CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com