Electronic Components Datasheet Search
  English  ▼

X  

ICS8442B Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS8442B
Description  CRYSTAL OSCILLATOR-TO-DIFFERENTIAL LVDS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8442B Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS8442B Datasheet HTML 6Page - Integrated Device Technology ICS8442B Datasheet HTML 7Page - Integrated Device Technology ICS8442B Datasheet HTML 8Page - Integrated Device Technology ICS8442B Datasheet HTML 9Page - Integrated Device Technology ICS8442B Datasheet HTML 10Page - Integrated Device Technology ICS8442B Datasheet HTML 11Page - Integrated Device Technology ICS8442B Datasheet HTML 12Page - Integrated Device Technology ICS8442B Datasheet HTML 13Page - Integrated Device Technology ICS8442B Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ICS8442BY REVISION A NOVEMBER 18, 2013
10
©2013 Integrated Device Technology, Inc.
ICS8442B Data Sheet
700MHz, CRYSTAL OSCILLATOR-TO-DIFFERENTIAL LVDS FREQUENCY SYNTHESIZER
The schematic of the ICS8442B layout example used in this
layout guideline is shown in
Figure 6A. The ICS8442B recom-
mended PCB board layout for this example is shown in
Figure
6B. This layout example is used as a general guideline. The
LAYOUT GUIDELINE
FIGURE 6A. RECOMMENDED SCHEMATIC LAYOUT
layout in the actual system will depend on the selected com-
ponent types, the density of the components, the density of the
traces, and the stack up of the P.C. board.
+
-
VDDA
C14
0.1u
C2
VDD
C16
10u
Zo = 50 Ohm
U1
ICS8442
1
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
M5
M6
M7
M8
N0
N1
nc
GND
MR
S_CLOCK
S_DATA
S_LOAD
VDDA
nXTAL_SEL
T_CLK
X_OUT
C15
0.1u
Zo = 50 Ohm
+
-
C1
R7
10
Zo = 50 Ohm
Zo = 50 Ohm
C11
0.01u
R1
100
X1
R2
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com