| Electronic Components Datasheet Search |
|
CMBT5551 Datasheet(PDF) 2 Page - Continental Device India Limited |
|
|
|||||||||||||||||||||||||||||
CMBT5551 Datasheet(HTML) 2 Page - Continental Device India Limited |
|
2 / 3 page ![]() Continental Device India Limited Data Sheet Page 2 of 3 Collector current IC max. 600 mA Total power dissipation up to Tamb = 25 °C Ptot max 250 mW Junction temperature Tj max. 150 ° C Storage temperature range Tstg –55 to +150 ° C THERMAL RESISTANCE from junction to ambient Rth j–a 500 K/W CHARACTERISTICS (at TA = 25°C unless otherwise specified) Collector cut–off current IE = 0; VCB = 120 V ICBO max. 50 nA IE = 0; VCB = 120 V; Tamb = 100 °C ICBO max. 50 µA Emitter cut–off current IC = 0; VEB = 4 V IEBO max. 50 nA Breakdown voltages IC = 1 mA; IB = 0 V(BR)CEO min. 160 V IC = 100 µA; IE = 0 V(BR)CBO min. 180 V IC = 0; IE = 10 µAV(BR)EBO min. 6 V Saturation voltages IC = 10 mA; IB = 1 mA VCEsat max. 0.15 V VBEsat max. 1 V IC = 50 mA; IB = 5 mA VCEsat max. 0.2 V VBEsat max. 1 V D.C. current gain IC = 1 mA; VCE = 5 V hFE min. 80 min. 80 IC = 10 mA; VCE = 5 V hFE max. 250 IC = 50 mA; VCE = 5 V hFE min. 30 Small–signal current gain min. 50 IC = 1 mA; VCE = 10 V; f = 1 kHz hfe max. 200 Output capacitance at f = 1 MHz IE = 0; VCB = 10 V Co max. 6 pF Input capacitance at f = 1 MHz IC = 0; VEB = 0.5 V Ci max. 30 pF Transition frequency at f = 100 MHz min. 100 MHz IC = 10 mA; VCE = 10 V fT max. 300 MHz CMBT5551 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |