Electronic Components Datasheet Search
  English  ▼

X  

CS1087 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CS1087
Description  Vacuum Fluorescent Display Tube Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS1087 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CS1087 Datasheet HTML 3Page - ON Semiconductor CS1087 Datasheet HTML 4Page - ON Semiconductor CS1087 Datasheet HTML 5Page - ON Semiconductor CS1087 Datasheet HTML 6Page - ON Semiconductor CS1087 Datasheet HTML 7Page - ON Semiconductor CS1087 Datasheet HTML 8Page - ON Semiconductor CS1087 Datasheet HTML 9Page - ON Semiconductor CS1087 Datasheet HTML 10Page - ON Semiconductor CS1087 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CS1087
http://onsemi.com
7
PIN CONNECTIONS
MARKING DIAGRAMS
DIP–40
WIDE BODY
N SUFFIX
CASE 711
40
1
CS1087
AWLYYWW
40
1
PLCC–44
FN SUFFIX
CASE 777
CS1087
AWLYYWW
1
AN11
AN21
1
2
3
4
44
43
42
41
40
5
6
7 8
9 10 11 1213 14 1516 17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
AN10
AN9
AN8
AN7
NC
AN6
AN5
AN4
AN3
AN2
AN22
AN23
AN24
AN25
NC
AN26
AN27
AN28
AN29
DOUT
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
1
CS1087
AWLYYWW
28
1
28
AN25
AN9
AN26
AN6
DOUT
AN4
DIN
AN3
CLK
AN2
STB
GRID3
GREN
GRID2
VBB
GRID1
AN24
AN11
AN22
AN12
AN20
AN14
AN21
AN13
AN19
AN15
AN17
GND
SO–28L
DW SUFFIX
CASE 751F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com