Electronic Components Datasheet Search
  English  ▼

X  

CS1087 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CS1087
Description  Vacuum Fluorescent Display Tube Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS1087 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CS1087 Datasheet HTML 4Page - ON Semiconductor CS1087 Datasheet HTML 5Page - ON Semiconductor CS1087 Datasheet HTML 6Page - ON Semiconductor CS1087 Datasheet HTML 7Page - ON Semiconductor CS1087 Datasheet HTML 8Page - ON Semiconductor CS1087 Datasheet HTML 9Page - ON Semiconductor CS1087 Datasheet HTML 10Page - ON Semiconductor CS1087 Datasheet HTML 11Page - ON Semiconductor CS1087 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CS1087
http://onsemi.com
10
PACKAGE DIMENSIONS
SO–28L
DW SUFFIX
CASE 751F–05
ISSUE G
A1
1
15
14
28
B
S
X
M
0.025
Y S
T
M
0.25
Y M
SEATING
PLANE
A
DIM
MIN
MAX
MILLIMETERS
A
2.35
2.65
A1
0.13
0.29
B
0.35
0.49
C
0.23
0.32
D
17.80
18.05
E
7.40
7.60
G
1.27 BSC
H
10.05
10.55
L
0.41
0.90
M
0
8
__
L
C
PIN 1 IDENT
D
E
H
0.10
–X–
–Y–
G
–T–
M
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS D AND E DO NOT INCLUDE MOLD
PROTRUSION
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBER
PR5OTRUSION SHALL NOT BE 0.13 TOTATL IN
EXCESS OF B DIMENSION AT MAXIMUM
MATERIAL CONDITION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com