Electronic Components Datasheet Search
  English  ▼

X  

GSF1 Datasheet(PDF) 4 Page - Schurter Inc.

Part # GSF1
Description  IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

GSF1 Datasheet(HTML) 4 Page - Schurter Inc.

  GSF1 Datasheet HTML 1Page - Schurter Inc. GSF1 Datasheet HTML 2Page - Schurter Inc. GSF1 Datasheet HTML 3Page - Schurter Inc. GSF1 Datasheet HTML 4Page - Schurter Inc. GSF1 Datasheet HTML 5Page - Schurter Inc. GSF1 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Power entry modules without line filter
GSF1
https://www.schurter.com /PG05
Connectors
All Variants
Mounting side
Panel mounting
Panel Thickness
s [mm]
Fuseholder
Ground terminal 4.8
x 0.8 mm
Ground terminal direction
Packaging
V-Lock Order Number
Sandwich
Snap-in
1.5
-
l
angled to pin axis
-
GSF1.0202.31
Sandwich
Snap-in
1.5
-
l
straight
-
GSF1.0201.31
Sandwich
Snap-in
2
-
l
angled to pin axis
-
GSF1.0202.41
Sandwich
Snap-in
2
-
l
straight
-
GSF1.0201.41
Sandwich
Snap-in
2.5
-
l
angled to pin axis
-
GSF1.0202.51
Sandwich
Snap-in
2.5
-
l
straight
-
GSF1.0201.51
Sandwich
Snap-in
3
-
l
angled to pin axis
-
GSF1.0202.61
Sandwich
Snap-in
3
-
l
straight
-
GSF1.0201.61
Sandwich
Snap-in
1.5
1-pole
l
angled to pin axis
-
GSF1.1202.31
Sandwich
Snap-in
1.5
1-pole
l
straight
-
GSF1.1201.31
Sandwich
Snap-in
2
1-pole
l
angled to pin axis
-
GSF1.1202.41
Sandwich
Snap-in
2
1-pole
l
straight
-
GSF1.1201.41
Sandwich
Snap-in
2.5
1-pole
l
angled to pin axis
-
GSF1.1202.51
Sandwich
Snap-in
2.5
1-pole
l
straight
-
GSF1.1201.51
Sandwich
Snap-in
3
1-pole
l
angled to pin axis
-
GSF1.1202.61
Sandwich
Snap-in
3
1-pole
l
straight
-
GSF1.1201.61
Sandwich
Snap-in
1.5
2-pole
l
angled to pin axis
-
GSF1.2202.31
█
Sandwich
Snap-in
1.5
2-pole
l
straight
-
GSF1.2201.31
Sandwich
Snap-in
2
2-pole
l
angled to pin axis
-
GSF1.2202.41
Sandwich
Snap-in
2
2-pole
l
straight
-
GSF1.2201.41
Sandwich
Snap-in
2.5
2-pole
l
angled to pin axis
-
GSF1.2202.51
Sandwich
Snap-in
2.5
2-pole
l
straight
-
GSF1.2201.51
Sandwich
Snap-in
3
2-pole
l
straight
-
GSF1.2201.61
Sandwich
Screw
1.5
-
l
angled to pin axis
-
GSF1.0002.31
Sandwich
Screw
1.5
-
l
straight
-
GSF1.0001.31
Sandwich
Screw
2
-
l
angled to pin axis
-
GSF1.0002.41
Sandwich
Screw
2
-
l
straight
-
GSF1.0001.41
Sandwich
Screw
2.5
-
l
angled to pin axis
-
GSF1.0002.51
Sandwich
Screw
2.5
-
l
straight
-
GSF1.0001.51
Sandwich
Screw
3
-
l
angled to pin axis
-
GSF1.0002.61
Sandwich
Screw
3
-
l
straight
-
GSF1.0001.61
Sandwich
Screw
1.5
1-pole
l
angled to pin axis
-
GSF1.1002.31
█
Sandwich
Screw
1.5
1-pole
l
straight
-
GSF1.1001.31
Sandwich
Screw
2
1-pole
l
angled to pin axis
-
GSF1.1002.41
Sandwich
Screw
2
1-pole
l
straight
-
GSF1.1001.41
Sandwich
Screw
2.5
1-pole
l
angled to pin axis
-
GSF1.1002.51
Sandwich
Screw
2.5
1-pole
l
straight
-
GSF1.1001.51
Sandwich
Screw
2.5
1-pole
l
straight
-
GSF1.1006.51
Sandwich
Screw
2.5
1-pole
l
straight
Blister tray
3-104-974
Sandwich
Screw
3
1-pole
l
angled to pin axis
-
GSF1.1002.61
Sandwich
Screw
3
1-pole
l
straight
-
GSF1.1001.61
Sandwich
Screw
1.5
2-pole
l
angled to pin axis
-
GSF1.2002.31
Sandwich
Screw
1.5
2-pole
l
straight
-
GSF1.2001.31
Sandwich
Screw
2
2-pole
l
angled to pin axis
-
GSF1.2002.41
Sandwich
Screw
2
2-pole
l
straight
-
GSF1.2001.41
Sandwich
Screw
2.5
2-pole
l
angled to pin axis
-
GSF1.2002.51



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com