Electronic Components Datasheet Search
  English  ▼

X  

GSF1 Datasheet(PDF) 1 Page - Schurter Inc.

Part # GSF1
Description  IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

GSF1 Datasheet(HTML) 1 Page - Schurter Inc.

  GSF1 Datasheet HTML 1Page - Schurter Inc. GSF1 Datasheet HTML 2Page - Schurter Inc. GSF1 Datasheet HTML 3Page - Schurter Inc. GSF1 Datasheet HTML 4Page - Schurter Inc. GSF1 Datasheet HTML 5Page - Schurter Inc. GSF1 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Power entry modules without line filter
GSF1
https://www.schurter.com /PG05
Connectors
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
Screw-on mounting
Snap-in version
Pick and Place Version
See below:
Approvals and Compliances
C14
70° C
Description
- Panel mount :
Sandwich/rear-side
- 2 Functions :
Appliance Inlet Protection class I , with or without Fuseholder for fuse-
links 5 x 20 mm on the rear-side 1- or 2-pole
- Meets the requirements of IEC 60335-1 for appliances in unattended
use. This includes the enhanced requirements of glow wire tests acc.
to IEC 60695-2-12 and -13.
- For PCB mounting
- Pick and place version
Characteristics
- PCB mount with snap-in or screw-on feet
Suitable for automatic PCB assembling
- All single elements are already wired
- Fuseholder on the inside of the equipment prevents accidental use of
incorrect fuse-links by the user
- With or without rear-side insulation cover
- Blister tray as optional packaging variant
- Suitable for use in equipment according to IEC/UL 60950
Other versions on request
- Ground terminal with quick-connect terminal 6,3 x 0,8 mm
- Ground terminal with solder terminal
- For protection class II
Weblinks
pdf datasheet, html-datasheet, General Product Information, Distributor-
Stock-Check, Accessories, Detailed request for product, Microsite
Newly available variants corresponding to V-Lock mating cordset. The connector is equipped with a notch intended for use with the latching cordset.
The cord latching system prevents against accidental removal of the cordset.
Technical Data
Ratings IEC
10 A / 250 VAC; 50 Hz
Ratings UL/CSA
10 A / 250 VAC; 60 Hz
␣
without fuseholder 16A (UL)
Dielectric Strength
> 3 kVAC between L-N
> 4 kVAC between L/N-PE
(1 min/50 Hz)
Allowable Operation Tempe-
rature
-25 °C to 70 °C
IP-Protection
from front side IP 40 acc. to IEC 60529
Insulation cover
Suitable for appliances with protection
class I acc. to IEC 61140
Terminal
For PCB mounting
Panel Thickness S
Snap-in: 1.5/2/2.5/3 mm
Material: Housing
Thermoplastic, black, UL 94V-0
appliance inlet/-outlet
C14 acc. to IEC 60320-1,
UL 498, CSA C22.2 no. 42 (for cold
conditions) pin-temperature 70 °C, 10 A,
Protection Class I
Fuseholder
optional, 1 or 2 pole, Shocksafe cate-
gory PC2 acc. to IEC 60127-6,
for fuse-links 5 x 20 mm
Rated Power Acceptance @
Ta 23 °C
5 x 20: 3.15 W (1 pole)/ 2.5 W (2-pole)
per pole
Power Acceptance @ Ta >
23°C
Admissible power acceptance at higher
ambient temperature see derating cur-
ves
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: GSF1


Similar Part No. - GSF1

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
GSF1 SCHURTER-GSF1 Datasheet
544Kb / 4P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
GSF1 SCHURTER-GSF1 Datasheet
425Kb / 6P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
GSF1 SCHURTER-GSF1 Datasheet
436Kb / 6P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
08.12.2021
GSF1.0001.01 SCHURTER-GSF1.0001.01 Datasheet
544Kb / 4P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
GSF1.0001.31 SCHURTER-GSF1.0001.31 Datasheet
544Kb / 4P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
More results

Similar Description - GSF1

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1092 SCHURTER-1092 Datasheet
697Kb / 7P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
GSF2 SCHURTER-GSF2 Datasheet
426Kb / 3P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
KEA SCHURTER-KEA Datasheet
576Kb / 4P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
KEA SCHURTER-KEA_17 Datasheet
719Kb / 6P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
GSF2 SCHURTER-GSF2_17 Datasheet
395Kb / 5P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
1062_1809 SCHURTER-1062_1809 Datasheet
385Kb / 5P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
1062 SCHURTER-1062_21 Datasheet
421Kb / 6P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
1062 SCHURTER-1062_V01 Datasheet
421Kb / 6P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
08.12.2021
KEA SCHURTER-KEA_V01 Datasheet
757Kb / 6P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
08.12.2021
GSF1 SCHURTER-GSF1_V01 Datasheet
436Kb / 6P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
08.12.2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com