Electronic Components Datasheet Search
  English  ▼

X  

32D Datasheet(PDF) 3 Page - SUNMATE electronic Co., LTD

Part # 32D
Description  METAL OXIDE VARISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

32D Datasheet(HTML) 3 Page - SUNMATE electronic Co., LTD

  32D Datasheet HTML 1Page - SUNMATE electronic Co., LTD 32D Datasheet HTML 2Page - SUNMATE electronic Co., LTD 32D Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dimensions
TABLE 1
Symbol
Millimeters
Inches
H(max)
40.0
1.575
H1(max.)
5.0
0.197
D(max)
35
1.378
D1(
±1.0)
25.4
1
T(max)
TABLE 2
W
7.0x0.5
0.276x0.02
Φ(M±0.2)
3.0
0.118
TABLE 2---T(max.)
Inches
0.252
0.264
0.272
0.28
0.287
0.299
0.307
Model
431K
471K
511K
621K
681K
751K
781K
Millimeters
8.0
8.3
8.7
9.4
9.5
10.0
10.2
Inches
0.315
0.327
0.343
0.37
0.374
0.394
0.402
Model
821K
911K
951K
102K
112K
122K
Millimeters
10.8
11.2
11.0
11.2
12.3
13.0
nches
0.425
0.441
0.433
0.441
0.484
0.512
Millimete
6.4
6.7
6.9
7.1
7.3
7.6
7.8
Model
201K
241K
271K
301K
331K
361K
391K



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com