Electronic Components Datasheet Search
  English  ▼

X  

32D Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 32D
Description  METAL OXIDE VARISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

32D Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  32D Datasheet HTML 1Page - SUNMATE electronic Co., LTD 32D Datasheet HTML 2Page - SUNMATE electronic Co., LTD 32D Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
l Wide operating voltage (V1mA) range from 200V to
1200V.
l Fast responding to transient over-voltage.
l Large absorbing transient energy capability.
l Low clamping ratio and no following-on current.
General Information
l Surge protection in consumer electronics
l Surge protection in industrial electronics
l Relay and electromagnetic valve surge absorption
l Transistor, diode, IC, thyristor or triac semiconductor
protection
l Surge protection in electronic home appliances, gas
and petroleum appliances
General Characteristics
l Body: Nickel Plated
l Devices with No Leads: Nickel Plated
l Operating Temperature: -40
ºC to +85ºC
l Storage Temperature: -40
ºC to +125ºC
l Axial Devices: Tin Plated
Part Number Code
Element Diameter
Type
D:Disk
Nominal Varistor Voltage
471=47*10
1V
Varistor Voltage
Tolerance
K =
±10 %
2
3
D
7
1
4
K
32D Series
METAL OXIDE VARISTORS


Similar Part No. - 32D

ManufacturerPart #DatasheetDescription
logo
StarHope
32D SPSEMI-32D Datasheet
373Kb / 2P
Varistor Type MYG
logo
Shanghai Yint Electroni...
32D YINT-32D Datasheet
502Kb / 3P
32D Series
logo
HuaXinAn Electronics CO...
32D HUAXINAN-32D Datasheet
191Kb / 4P
Metal Oxide Varistors (MOV)
logo
UN Semiconducctor INC
32D UNSEMI-32D Datasheet
3Mb / 6P
Radial Lead Varistor (MOV)
Revision March 1,2022
logo
YAGEO Corporation
32D YAGEO-32D Datasheet
378Kb / 7P
Metal Oxide Varistor (MOV)
Oct. 06, 2020 V.1
More results

Similar Description - 32D

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
Metal Oxide Varistors
logo
Ruilongyuan Electronics...
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
Metal Oxide Varistors
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
METAL OXIDE VARISTORS
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
Metal Oxide Varistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com