Electronic Components Datasheet Search
  English  ▼

X  

40D Datasheet(PDF) 4 Page - SUNMATE electronic Co., LTD

Part # 40D
Description  METAL OXIDE VARISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

40D Datasheet(HTML) 4 Page - SUNMATE electronic Co., LTD

  40D Datasheet HTML 1Page - SUNMATE electronic Co., LTD 40D Datasheet HTML 2Page - SUNMATE electronic Co., LTD 40D Datasheet HTML 3Page - SUNMATE electronic Co., LTD 40D Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TABLE 2
Model
T(max.)
Model
T(max.)
201K
6.2
911K
10.4
221K
6.3
951K
10.6
241K
6.4
102K
11.2
271K
6.6
112K
11.8
301K
6.8
122K
12.3
331K
6.9
142K
13.3
361K
7.1
162K
14.3
TABLE 1
Symbol
Dimensions
H(max.)
52.5
H1(max.)
16.5
D(max.)
42.0
D1(±1.0)
25.4
T(max.)
TABLE 2
d(±0.1)
0.5
d1(±0.3)
3.7
K(max.)
3.2
W(±0.5)
7.0
Φ(M±0.2)
3.2
D1
H1
d1
K
W
d1
K
Package Dimensions (Unit:mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com