Electronic Components Datasheet Search
  English  ▼

X  

40D Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 40D
Description  METAL OXIDE VARISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

40D Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  40D Datasheet HTML 1Page - SUNMATE electronic Co., LTD 40D Datasheet HTML 2Page - SUNMATE electronic Co., LTD 40D Datasheet HTML 3Page - SUNMATE electronic Co., LTD 40D Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
• Wideoperatingvoltage(V1mA)rangefrom200Vto1600V.
• Fastrespondingtotransientover-voltage.
• Largeabsorbingtransientenergycapability.
• Lowclampingratioandnofollowing-oncurrent.
• Body:NickelPlated
• DeviceswithNoLeads:NickelPlated
• OperatingTemperature:-40ºCto+85ºC
• StorageTemperature:-40ºCto+125ºC
• Leads:Surface-mount,AxialDevices:TinPlated
General Characteristics
General Information
• Surgeprotectioninconsumerelectronics
• Surgeprotectioninindustrialelectronics
• Relayandelectromagneticvalvesurgeabsorption
• Transistor,diode,IC,thyristorortriacsemiconductorprotection
• Surgeprotectioninelectronichomeappliances,gasandpetroleumappliances
Product Name
4
0
D
4
7
1
K
Element Diameter
Type
D: Disk
S: Square
Nominal Varistor Voltage
471=47*101V
Varistor Voltage
Tolerance
K = ±10 %
40D Series
METAL OXIDE VARISTORS


Similar Part No. - 40D

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
40D DBLECTRO-40D Datasheet
992Kb / 2P
PRODUCT DESCRIPTIONS
40D DBLECTRO-40D Datasheet
1Mb / 2P
PRODUCT DESCRIPTIONS
logo
Yuan Dean Scientific., ...
40D YUANDEAN-40D Datasheet
353Kb / 3P
DC-DC Converter
logo
Shanghai Yint Electroni...
40D YINT-40D Datasheet
462Kb / 3P
High-Energy Varistors
logo
UN Semiconducctor INC
40D UNSEMI-40D Datasheet
2Mb / 4P
Radial Lead Varistor (MOV)
Revision March 1,2022
More results

Similar Description - 40D

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
Metal Oxide Varistors
logo
Ruilongyuan Electronics...
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
Metal Oxide Varistors
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
METAL OXIDE VARISTORS
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
Metal Oxide Varistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com