Electronic Components Datasheet Search
  English  ▼

X  

ACE25QC128G Datasheet(PDF) 41 Page - ACE Technology Co., LTD.

Part # ACE25QC128G
Description  128M BIT SPI NOR FLASH
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC128G Datasheet(HTML) 41 Page - ACE Technology Co., LTD.

Back Button ACE25QC128G Datasheet HTML 37Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 38Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 39Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 40Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 41Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 42Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 43Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 44Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 45Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
ACE25QC128G
128M BIT SPI NOR FLASH
VER 1.1
41
Fast Page Program (F2H)
The Fast Page Program instruction is used to program the memory. A Write Enable instruction must
previously have been executed to set the Write Enable Latch bit before sending the Page Program
instruction.
The Fast Page Program instruction is entered by driving /CS Low, followed by the instruction code, 3-byte
address and at least one data byte on SI. If the 8 least significant address bits (A7-A0) are not all zero, all
transmitted data that goes beyond the end of the current page are programmed from the start address of
the same page (from the address whose 8 least significant bits (A7-A0) are all zero). /CS must be driven
low for the entire duration of the sequence.
The Fast Page Program instruction sequence: /CS goes low ->sending Page Program instruction-> 3-byte
address on SI-> at least 1 byte data on SI ->/CS goes high.
The command sequence is shown in Figure 33, If more than 256 bytes are sent to the device, previously
latched data are discarded and the last 256 data bytes are guaranteed to be programmed correctly within
the same page. If less than 256 data bytes are sent to device, they are correctly programmed at the
requested addresses without having any effects on the other bytes of the same page. /CS must be driven
high after the eighth bit of the last data byte has been latched in; otherwise the Fast Page Program
instruction is not executed.
As soon as /CS is driven high, the self-timed Page Program cycle (whose duration is tPP) is initiated. While
the Page Program cycle is in progress, the Status Register may be read to check the value of the Write in
Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Page Program cycle, and is 0
when it is completed. At some unspecified time before the cycle is completed, the Write Enable Latch bit is
reset.
A Fast Page Program instruction applied to a page which is protected by the Block Protect (BP4, BP3, BP2,
BP1, BP0) bits (see Table 5&6) is not executed.
Figure 33.Fast Page Program Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com