Electronic Components Datasheet Search
  English  ▼

X  

ACE25QC128G Datasheet(PDF) 8 Page - ACE Technology Co., LTD.

Part # ACE25QC128G
Description  128M BIT SPI NOR FLASH
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC128G Datasheet(HTML) 8 Page - ACE Technology Co., LTD.

Back Button ACE25QC128G Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25QC128G Datasheet HTML 12Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
ACE25QC128G
128M BIT SPI NOR FLASH
VER 1.1
8
In addition, the Chip Select (/CS) input offers a built-in safety feature, as the /CS input is edge
sensitive as well as level sensitive: after power-up, the device does not become selected until a falling
edge has first been detected on Chip Select (/CS). This ensures that Chip Select (/CS) must have
been High, prior to going Low to start the first operation.
(C)
Device Reset
In order to prevent inadvertent Write operations during power-up (continuous rise of VCC), a power on
reset (POR) circuit is included. At Power-up, the device does not respond to any instruction until VCC
has reached the power on reset threshold voltage.
When VCC has passed the POR threshold, the device is reset.
(D)
Power-down
At Power-down (continuous decrease in VCC), as soon as VCC drops from the normal operating
voltage to below the power on reset threshold voltage, the device stops responding to any instruction
sent to it. During Power-down, the device must be deselected (Chip Select (/CS) should be allowed to
follow the voltage applied on VCC) and in Standby Power mode (that is there should be no internal
Write cycle in progress).
Active Power and Standby Power Modes
When Chip Select (/CS) is Low, the device is selected, and in the Active Power mode. The device
consumes ICC.
When Chip Select (/CS) is High, the device is deselected. If a Write cycle is not currently in progress, the
device then goes in to the Standby Power mode, and the device consumption drops to ICC1.
Hold Condition
The Hold (/HOLD) signal is used to pause any serial communications with the device without resetting the
clocking sequence. During the Hold condition, the Serial Data Output (SO) is high impedance, and Serial
Data Input (SI) and Serial Clock (SCLK) are Don’t Care. To enter the Hold condition, the device must be
selected, with Chip Select (/CS) Low. Normally, the device is kept selected, for the whole duration of the
Hold condition. Deselecting the device while it is in the Hold condition, has the effect of resetting the state
of the device, and this mechanism can be used if it is required to reset any processes that had been in
progress.
The Hold condition starts when the Hold (/HOLD) signal is driven Low at the same time as Serial Clock
(SCLK) already being Low (as shown in Figure 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com