Electronic Components Datasheet Search
  English  ▼

X  

ACE160P17A Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE160P17A
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE160P17A Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE160P17A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE160P17A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE160P17A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE160P17A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE160P17A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE160P17A Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ACE160P17A
P-Channel Enhancement Mode Field Effect Transistor
VER 1.1
2
Ordering information
ACE160P17A XX + H
Electrical Characteristics
TA=25℃, unless otherwise specified.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS = 0V, ID = -
250μA
-60
V
Zero Gate Voltage Drain Current
IDSS1
VDS = -48V, VGS = 0V
-1
μA
Gate Threshold Voltage
VGS(TH)
VGS = VDS , IDS= -
250μA
-1.5
-3.5
V
Gate Leakage Current
IGSS
VGS= ±20V , VDS=0V
±100
nA
Drain-Source On-state
Resistance
RDS(on)
VGS = -10V , ID= -10A
95
125
mΩ
VGS = -4.5V , ID= -5A
123
160
Forward Trans Conductance
gFS
VDS= -5V , ID= -10A
8
S
Diode Forward Voltage
VSD
ISD= -1A , VGS= 0V
-1.2
V
Maximum Body-Diode
Continuous Current
IS
-15
A
Switching
Total Gate Charge
Qg
VDS= -48V, ID= -2A,
VGS= -10V
15.8
nC
Gate-Source Charge
Qgs
3
nC
Gate-Drain Charge
Qgd
3.5
nC
Turn-on Delay Time
td( on )
VDD= -10V,ID= -1A,
VGS= -10V,RG= 6
Ω
9
ns
Turn-on Rise Time
tr
10
ns
Turn-off Delay Time
td( off )
25
ns
Turn-off Fall Time
tf
11
ns
Dynamic
Input Capacitance
Ciss
VDS=-30V,VGS= 0V,
f= 1.0MHz
987
pF
Output Capacitance
Coss
114
pF
Reverse Transfer Capacitance
Crss
46
pF
YM:TO-252
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com