Electronic Components Datasheet Search
  English  ▼

X  

DF11 Datasheet(PDF) 4 Page - Schurter Inc.

Part # DF11
Description  IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DF11 Datasheet(HTML) 4 Page - Schurter Inc.

  DF11 Datasheet HTML 1Page - Schurter Inc. DF11 Datasheet HTML 2Page - Schurter Inc. DF11 Datasheet HTML 3Page - Schurter Inc. DF11 Datasheet HTML 4Page - Schurter Inc. DF11 Datasheet HTML 5Page - Schurter Inc. DF11 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Power entry modules without line filter
DF11
https://www.schurter.com /PG05
Connectors
ABT
W
F
150
C0
Colours
Switch front
Rocker
W black
white
–
B
black
black
–
6
black
–
orange transp.
F
embossed / Relief
H
printed / bedruckt
white / weiss
K
printed / bedruckt
black / schwarz
L
printed / bedruckt
white / weiss
Surface
Illustration
Colour of print
Rocker legend
M printed
black
P
printed
white
R
printed
black
Surface
Illustration
Colour of print
Rated current circuit breaker of equipment
Without release: code C0
Undervoltage release
Remote trip release
UE
ZA
Code
Rated
voltage Un
•
•
•
•
•
•
•
•
•
•
•
•
2
3
4
240 V AC
230 V AC
120 V AC
O
I
O
I
Position of the rocker legend
e.g F
In
Code
0,1
J01
0,2
J02
0,3
J03
0,4
J04
0,5
J05
0,6
J06
0,7
J07
0,8
J08
0,9
J09
1,0
J10
1,1
J11
1,2
J12
In
Code
1,3
J13
1,4
J14
1,5
J15
1,6
J16
1,7
J17
1,8
J18
1,9
J19
2,0
J20
2,1
J21
2,2
J22
2,3
J23
2,5
J25
In
Code
2,8
J28
3,0
030
3,5
035
4,0
040
4,5
045
5,0
050
6,0
060
6,5
065
7,0
070
7,5
075
8,0
080
9,0
090
In
Code
10,0
100
11,0
110
12,0
120
13,0
130
14,0
140
15,0
150
20,0
200
Table 1 Selection for type TA45
Order example
• Circuit Breaker of Equipment
• 2-pole, rocker actuated
• Quick connect terminal
Other types on request
Without illumination
With illumination
220…240 V
110…120 V
Diagram
Thermal overload protection
1-pole
2-pole
ABT
ABD
A12
A32
A14
A34
P2
P1
6
3
43
P2
P1
}
P2
P1
U<
P2
P1
b
U<
P2
P1
b a
U<
P2
P1
c



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com