Electronic Components Datasheet Search
  English  ▼

X  

DF11 Datasheet(PDF) 1 Page - Schurter Inc.

Part # DF11
Description  IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DF11 Datasheet(HTML) 1 Page - Schurter Inc.

  DF11 Datasheet HTML 1Page - Schurter Inc. DF11 Datasheet HTML 2Page - Schurter Inc. DF11 Datasheet HTML 3Page - Schurter Inc. DF11 Datasheet HTML 4Page - Schurter Inc. DF11 Datasheet HTML 5Page - Schurter Inc. DF11 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Power entry modules without line filter
DF11
https://www.schurter.com /PG05
Connectors
IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
See below:
Approvals and Compliances
C14
70° C
C18
70° C
Description
- Panel mount :
Screw-on version from front or rear side, snap-in version from front
side
- 2 Functions :
Appliance Inlet protection class I or II , circuit breaker type TA45 2-pole
- Quick connect terminals 6.3 x 0.8 mm
Characteristics
- All single elements are already wired
- Circuit Breaker non-illuminated or illuminated
- Suitable for use in equipment according to IEC/UL 60950
Other versions on request
- Unwired versions
- Other rocker marking
- Variant with notch for V-Lock mating Cordsets
References
Alternative: version with line filter DF12
Substitute for type 6145
Weblinks
pdf datasheet, html-datasheet, General Product Information, Distributor-
Stock-Check, Accessories, Detailed request for product, Microsite
Newly available variants corresponding to V-Lock mating cordset. The connector is equipped with a notch intended for use with the latching cordset.
The cord latching system prevents against accidental removal of the cordset.
Technical Data
Ratings IEC
10 A / 250 VAC; 50 Hz
Ratings UL/CSA
15 A / 250 VAC; 60 Hz
Dielectric Strength
> 2.5 kVAC between L-N
> 3 kVAC between L/N-PE
(1 min/50 Hz)
Allowable Operation Tempe-
rature
-10 °C to 55 °C
IP-Protection
from front side IP 40 acc. to IEC 60529
Insulation cover
Suitable for appliances with protection
class I or II acc. to IEC 61140
Terminal
Quick connect terminals 6.3 x 0.8 mm
Panel Thickness S
Screw: max 8 mm
Mounting screw torque max 0.5 Nm
Snap-in: 1/1.5/2/2.5/3 mm
Material: Housing
Thermoplastic, black, UL 94V-0
appliance inlet/-outlet
C14 / C18 acc. to IEC 60320-1,
UL 60320-1, CSA C22.2 no. 60320-1
(for cold conditions) pin-temperature 70
°C, 10 A, Protection Class I or II
Circuit Breakers
Acc. IEC/EN 60934, UL 1077, CSA
22.2 no. 235
2-pole rocker switch, illuminated or non-
illuminated. Optional with undervoltage-
or remote trip release
Short circuit capacity Icn:
at In < 3A/240VAC : 10 x In
at In
≥ 3A/240VAC : 300A
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: DF11
Approval Logo
Certificates
Certification Body
Description
VDE Approvals
VDE
Certificate Number: 40011305
UL Approvals
UL
UL File Number: E96454


Similar Part No. - DF11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DF11 ETC2-DF11 Datasheet
403Kb / 7P
REGELBARE HF-UND ZF-PENTODE
logo
Schurter Inc.
DF11 SCHURTER-DF11 Datasheet
1Mb / 5P
IEC Appliance Inlet C14 with recessed Circuit Breaker TA45
DF11 SCHURTER-DF11 Datasheet
383Kb / 2P
US Power Supply Cord with IEC Connector C13, V-Lock, straight
DF11 SCHURTER-DF11 Datasheet
379Kb / 2P
EU Power Supply Cord with IEC Connector C13, V-Lock, straight
DF11 SCHURTER-DF11 Datasheet
380Kb / 2P
IEC Interconnection Cord with IEC Connector C13, V-Lock, straight
More results

Similar Description - DF11

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DF11 SCHURTER-DF11 Datasheet
1Mb / 5P
IEC Appliance Inlet C14 with recessed Circuit Breaker TA45
DF12 SCHURTER-DF12 Datasheet
1Mb / 6P
IEC Appliance Inlet C14 with Filter, Circuit Breaker TA45 (recessed)
5145 SCHURTER-5145_17 Datasheet
805Kb / 8P
IEC Appliance Inlet C14 or C18 with Filter, Circuit Breaker TA45
DF12 SCHURTER-DF12_17 Datasheet
694Kb / 7P
IEC Appliance Inlet C14 or C18 with Filter, Circuit Breaker TA45
DF11 SCHURTER-DF11_17 Datasheet
553Kb / 7P
IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
5145 SCHURTER-5145_V01 Datasheet
1,003Kb / 11P
IEC Appliance Inlet C14 or C18 with Filter, Circuit Breaker TA45
6145 SCHURTER-6145_V01 Datasheet
575Kb / 6P
IEC Appliance Inlet C14 with Circuit Breaker TA45
DF11 SCHURTER-DF11_V01 Datasheet
634Kb / 7P
IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
5145 SCHURTER-5145_V02 Datasheet
1,003Kb / 11P
IEC Appliance Inlet C14 or C18 with Filter, Circuit Breaker TA45
04.01.2022
DF11 SCHURTER-DF11_V02 Datasheet
634Kb / 7P
IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
08.12.2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com