Electronic Components Datasheet Search
  English  ▼

X  

HMS77C1001A Datasheet(PDF) 13 Page - Hynix Semiconductor

Part # HMS77C1001A
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS77C1001A Datasheet(HTML) 13 Page - Hynix Semiconductor

Back Button HMS77C1001A Datasheet HTML 9Page - Hynix Semiconductor HMS77C1001A Datasheet HTML 10Page - Hynix Semiconductor HMS77C1001A Datasheet HTML 11Page - Hynix Semiconductor HMS77C1001A Datasheet HTML 12Page - Hynix Semiconductor HMS77C1001A Datasheet HTML 13Page - Hynix Semiconductor HMS77C1001A Datasheet HTML 14Page - Hynix Semiconductor HMS77C1001A Datasheet HTML 15Page - Hynix Semiconductor HMS77C1001A Datasheet HTML 16Page - Hynix Semiconductor HMS77C1001A Datasheet HTML 17Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
HMS77C1000A/HMS77C1001A
10
Oct. 2001 Ver. 2.0
7.3 DC Characteristics (1)
• (TA=-40°
°°°C~+85°°°°C)
Parameter
Symbol
Test Condition
Specification
Unit
Min
Typ1
1.
Data in “Typ” column is at 25
°C unless otherwise stated. These parameters are for design guidance only and are not tested.
Max
Supply Voltage
VDD
V
XT, RC, LF
2.5
5.5
HF
4.5
5.5
VDD start voltage to ensure
Power-On Reset
VPOR
-
VSS
-V
VDD rise rate
SVDD2
2.
This parameter is characterized but not tested.
0.05
-
-
V/mS
RAM Data Retention
Voltage
VDR
-1.5
-
V
Power Fail Detection
VPFD
V
Normal Level
-
2.7
-
Low Level
-
1.8
-
Supply Current
IDD3
3.
The test conditions for all IDD measurements in NOP execution are:
XIN = external square wave; all I/O pins tristated, pulled to VSS, EC0 = VDD, RESET = VDD; WDT disabled/enabled as specified.
XT, RC4
4.
Does not include current through Rext. The current through the resistor can be estimated by the formula; IR = VDD/2Rext (mA)
XIN = 4MHz, VDD = 5V
-1.8
3.3
mA
HF
XIN = 20MHz, VDD = 5V
-9.0
20
mA
LF
XIN = 32KHz, VDD = 3V, WDT Disabled
-17
40
uA
Power Down Current
IPD5
5.
Power down current is measured with the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD and VSS as
like measurement conditions of supply current.
VDD = 3V, WDT Enabled
-4
14
uA
VDD = 3V, WDT Disabled
-0.4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45