Electronic Components Datasheet Search
  English  ▼

X  

HMS77C1001A Datasheet(PDF) 21 Page - Hynix Semiconductor

Part # HMS77C1001A
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS77C1001A Datasheet(HTML) 21 Page - Hynix Semiconductor

Back Button HMS77C1001A Datasheet HTML 17Page - Hynix Semiconductor HMS77C1001A Datasheet HTML 18Page - Hynix Semiconductor HMS77C1001A Datasheet HTML 19Page - Hynix Semiconductor HMS77C1001A Datasheet HTML 20Page - Hynix Semiconductor HMS77C1001A Datasheet HTML 21Page - Hynix Semiconductor HMS77C1001A Datasheet HTML 22Page - Hynix Semiconductor HMS77C1001A Datasheet HTML 23Page - Hynix Semiconductor HMS77C1001A Datasheet HTML 24Page - Hynix Semiconductor HMS77C1001A Datasheet HTML 25Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
HMS77C1000A/HMS77C1001A
18
Oct. 2001 Ver. 2.0
9. MEMORY
The HMS77C100XA has separate memory maps for pro-
gram memory and data memory. Program memory can
only be read, not written to. It can be up to 1K words of
program memory. Data memory can be read and written to
32 bytes including special function registers.
9.1 Program Memory
The program memory is organized as 0.5K, 12-bit wide
words ( H M S 7 7 C 100 0A) and 1 K , 12 -b it wide
words(HMS77C1001A). The program memory words are
addressed sequentially by a program counter. Increment-
ing a t loca tion 1FF H (HMS77C1000A) or 3F FH
(HMS77C1001A) will cause a wrap around to 000H.
Figure 9-1 and Figure 9-2 show a map of program memo-
ry. After reset, CPU begins execution from reset vector
which is stored in address(1FFH: HMS77C1000A, 3FFH:
HMS77C1001A).
9.2 Data Memory
The data memory consists of 25 bytes of RAM and seven
special function registers. The data memory locations are
addressed directly or indirectly by using FSR.
Figure 9-3 shows a map of data memory. The special func-
tion registers are mapped into the data memory..
FIGURE 9-1 HMS77C1000A PROGRAM MEMORY MAP
AND STACK
PC<8:0>
Stack Level 1
Stack Level 2
Reset Vector
On-chip
Program
Memory
000H
0FFH
100H
1FFH
FIGURE 9-2 HMS77C1001A PROGRAM MEMORY MAP
AND STACK
FIGURE 9-3 HMS77C100XA DATA MEMORY MAP
PC<9:0>
Stack Level 1
Stack Level 2
Reset Vector
On-chip
Program
Memory
000H
0FFH
100H
3FFH
On-chip
Program
Memory
2FFH
300H
1FFH
200H
(Page 0)
(Page 1)
0FH
10H
1FH
INDF
TMR0
PCL
STATUS
FSR
RA
RB
00H
01H
02H
03H
04H
05H
06H
File Address
Special
Function
Registers
00H
06H
07H
DATA
MEMORY
(SRAM)
DATA
MEMORY
(SRAM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com