Electronic Components Datasheet Search
  English  ▼

X  

HMS38112 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # HMS38112
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HMS38112 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button HMS38112 Datasheet HTML 17Page - List of Unclassifed Manufacturers HMS38112 Datasheet HTML 18Page - List of Unclassifed Manufacturers HMS38112 Datasheet HTML 19Page - List of Unclassifed Manufacturers HMS38112 Datasheet HTML 20Page - List of Unclassifed Manufacturers HMS38112 Datasheet HTML 21Page - List of Unclassifed Manufacturers HMS38112 Datasheet HTML 22Page - List of Unclassifed Manufacturers HMS38112 Datasheet HTML 23Page - List of Unclassifed Manufacturers HMS38112 Datasheet HTML 24Page - List of Unclassifed Manufacturers HMS38112 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
2-6
Pin Description and Circuit
Pin Description
Pin
Function
I/O
Connected to 2.0~ 3.6V power supply
Connected to 0V power supply.
4-bit input port with built in pull-up resistor.
STOP mode is released by "L" input of each pin.(masked option)
K0 ~ K3
Input
GND
-
VDD
-
Each can be set and reset independently.
The output is the structure of N-channel-open-drain.
2-bit I/O port. (Input mode is set only when each of them output "H".)
In outputting, each can be set and reset independently(or at once.)
The output is in the form of C-MOS.
STOP mode is released by "L" input of each pin.
Pull-up resistor and STOP release mode can be respectively selected
as masked option for each pin.(It is released by “L” input at STOP)
High current output port for driving I.R.LED.
The output is in the form N-channel open drain.
D0 ~ D6
Output
R2 ~ R3
I/O
REMOUT
Output
Oscillator input. Input to the oscillator circuit and connection
point for ceramic resonator.
A feedback resistor is connected between this pin and OSC2.
Connect a resonator between this pin and OSC1.
OSC1
Input
OSC2
Output
2-bit input port with built in pull-up resistor.
STOP mode is released by "L" input of each pin.(masked option)
R0 ~ R1
Input
Chapter 2.HMS39112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com