Electronic Components Datasheet Search
  English  ▼

X  

HMS38112 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # HMS38112
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HMS38112 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button HMS38112 Datasheet HTML 9Page - List of Unclassifed Manufacturers HMS38112 Datasheet HTML 10Page - List of Unclassifed Manufacturers HMS38112 Datasheet HTML 11Page - List of Unclassifed Manufacturers HMS38112 Datasheet HTML 12Page - List of Unclassifed Manufacturers HMS38112 Datasheet HTML 13Page - List of Unclassifed Manufacturers HMS38112 Datasheet HTML 14Page - List of Unclassifed Manufacturers HMS38112 Datasheet HTML 15Page - List of Unclassifed Manufacturers HMS38112 Datasheet HTML 16Page - List of Unclassifed Manufacturers HMS38112 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
1-10
Electrical characteristics (Ta=25
Î
Î, V
DD= 3V)
*1 Refer to Fig.1-6 < I
OL2 vs. VOL2 Graph>
*2 I
DD is measured at RESET mode.
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Input H current
R Pull-up Resistance
V
IH1
R
PU1
I
IH
2.1
70
-
-
140
-
-
300
1
V
Ï
uA
-
VI=GND
VI=V
DD
K Pull-up Resistance
R
PU2
70
140
300
Ï
VI=GND, Output off
Current on STOP mode
Operating supply current
I
DD *2
I
STP
-
-
0.5
-
1.5
1
mA
uA
f
OSC=4MHz
At STOP mode
REMOUT leakage current
I
OLK1
--
1uA
V
0UT=VDD, Output off
OSC2 output L voltage
OSC2 output H voltage
V
OH3
V
OL3
2.1
-
2.5
0.4
-
0.9
V
V
I
OH=-150uA
I
OL=150uA
D. R output L voltage
V
OL2*1
-
0.15
0.4
V
I
OL=3mA
K, R input H voltage
K, R input L voltage
V
IL1
--
0.9
V
-
f
OSC/48
f
OSC
System clock
frequency
2.4
-
4MHz
MHZ version
REMOUT output L current
I
OL1
250
mA
V
OL=0.3V
D, R output leakage current
I
OLK2
--
1uA
V
0UT=VDD, Output off
Feedback Resistance
R
FD
0.3
1.0
3.0
Ð
V
OSC1=GND, VOSC2=VDD
Chapter 1.HMS38112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com