Electronic Components Datasheet Search
  English  ▼

X  

ICM320T Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ICM320T
Description  3.2 Megapixel QXGA Digital Color CMOS Image Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICM320T Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ICM320T Datasheet HTML 17Page - List of Unclassifed Manufacturers ICM320T Datasheet HTML 18Page - List of Unclassifed Manufacturers ICM320T Datasheet HTML 19Page - List of Unclassifed Manufacturers ICM320T Datasheet HTML 20Page - List of Unclassifed Manufacturers ICM320T Datasheet HTML 21Page - List of Unclassifed Manufacturers ICM320T Datasheet HTML 22Page - List of Unclassifed Manufacturers ICM320T Datasheet HTML 23Page - List of Unclassifed Manufacturers ICM320T Datasheet HTML 24Page - List of Unclassifed Manufacturers ICM320T Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
ICM320T
3.2 Megapixel QXGA Digital Color CMOS VGA Image Sensor
Preliminary Data Sheet V1.0
Copyright 2005, IC Media Corporation
3/14/2005
http://www.ic-media.com/
Page 21
Electrical Characteristics
DC Characteristics
(VDDC=1.8V, VDDIO=2.5V, VDDA=2.8V, TA=25°C)
Table 4. DC Characteristics (continued)
Rating
Symbol
Parameter
Minimum
Typical
Maximum
Unit
VDDA
Absolute Power
Supply
-0.3
3.6
V
VINA
Absolute Input
Voltage
-0.3
VDDIO + 0.3
V
VOUTA
Absolute Output
Voltage
-0.3
VDDIO + 0.3
V
TSTG
Storage
Temperature
0
25
65
°C
VDDA
Analog
Operating Power
Supply
2.7
2.8
2.9
V
VDDC
Digital Core
Operating Power
Supply
1.7
1.8
2.1
V
VDDIO
Digital I/O
Operating Power
Supply
1.8
2.5
3.3
V
VIN
Operating Input
Voltage
0
VDDIO
V
IDDA
Analog Supply
Current (15 fps
@ 64 MHz)
14
mA
IDDC
Digital Core
Supply Current
(15 fps @ 64
MHz)
12
mA
IDDIO
Digital I/O
Supply Current
(15 fps @ 64
MHz)
4
mA
IIL
Input Low
Current
-1
1
µA
IIH
Input High
Current
-1
1
µA
IOZ
Tri-state
Leakage Current
-10
10
µA
CIN
Input
Capacitance
3
pF
COUT
Output
3
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com