Electronic Components Datasheet Search
  English  ▼

X  

ICM320T Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ICM320T
Description  3.2 Megapixel QXGA Digital Color CMOS Image Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICM320T Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ICM320T Datasheet HTML 3Page - List of Unclassifed Manufacturers ICM320T Datasheet HTML 4Page - List of Unclassifed Manufacturers ICM320T Datasheet HTML 5Page - List of Unclassifed Manufacturers ICM320T Datasheet HTML 6Page - List of Unclassifed Manufacturers ICM320T Datasheet HTML 7Page - List of Unclassifed Manufacturers ICM320T Datasheet HTML 8Page - List of Unclassifed Manufacturers ICM320T Datasheet HTML 9Page - List of Unclassifed Manufacturers ICM320T Datasheet HTML 10Page - List of Unclassifed Manufacturers ICM320T Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
ICM320T
3.2 Megapixel QXGA Digital Color CMOS VGA Image Sensor
Preliminary Data Sheet V1.0
Copyright 2005, IC Media Corporation
3/14/2005
http://www.ic-media.com/
Page 7
Table 1. ICM320T Bare Die Pad Assignments (continued)
Pad
Name
Class
*
Function
23
DOUT [8]
D, O
Data output bit 8
26
DOUT [9]
D, O
Data output bit 9
27
VSYNC
D, O
Vertical sync signal
28
N/C1
N/A
Reserved. Do not connect.
29
HSYNC
D, O
Horizontal sync signal
34
OEN
D, I
Output enable. 0: enable, 1: disable
35
N/C2
N/A
Reserved. Do not connect.
36
SIF_ID
D, I, N
LSB of SIF slave address
37
SIF_MS
D, I, N
SIF master/slave selection. 0: slave, 1: master (auto
load from EEPROM after reset)
38
N/C3
N/A
Reserved. Do not connect.
39
N/C4
N/A
Reserved. Do not connect.
40
N/C5
N/A
Reserved. Do not connect.
42
RES_REF
A, I
Resistor to ground:
12 kΩ @ for up to 16fps QXGA (64MHz PCLK)
16 kΩ @ for up to 12fps QXGA (48MHz PCLK)
33 kΩ @ for up to 6fps QXGA (24MHz PCLK)
* Class Codes: A – analog signal, D – digital signal, I – input, O – output, P – power or ground,
U – internal pull-up, N – internal pull-down, N/C – no connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com