Electronic Components Datasheet Search
  English  ▼

X  

IDT5V927 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT5V927
Description  Quad Output Clock Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5V927 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT5V927 Datasheet HTML 1Page - Integrated Device Technology IDT5V927 Datasheet HTML 2Page - Integrated Device Technology IDT5V927 Datasheet HTML 3Page - Integrated Device Technology IDT5V927 Datasheet HTML 4Page - Integrated Device Technology IDT5V927 Datasheet HTML 5Page - Integrated Device Technology IDT5V927 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
INDUSTRIALTEMPERATURERANGE
IDT5V927
QUADOUTPUTCLOCKGENERATOR
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
Test Conditions (1)
Min.
Typ.
Max
Unit
IDD_PD
Power Down Current
VDD = Max.
—
—
500
µA
S[1:0] = HH
OE = L; REF = L; X1 = L
Alloutputsunloaded
∆IDD
SupplyCurrentperInput
VDD = Max., VIN = 3V
—
—
30
µA
IDD
Dynamic Supply Current
VDD = 3.6V
—
—
130
mA
S[1:0] = LL
OE = L
FOUT = 150MHz
Alloutputsunloaded
NOTE:
1. For conditions shown as Min. or Max., use the appropriate values specified under DC Electrical Characteristics.
INPUT TIMING REQUIREMENTS
Symbol
Description(1)
Min.
Max.
Unit
tR,tF
Maximum input rise and fall time, 0.8V to 2V(2)
—
10
ns/V
tPWC
Input clock pulse, HIGH or LOW(2)
2—
ns
DH
Inputdutycycle(2)
10
90
%
fOSC
XTALoscillatorfrequency
—
40
MHz
fIN
Inputfrequency(2)
50/N
160/N
MHz
NOTES:
1. Where pulse width implied by DH is less than the tPWC limit, tPWC limit applies,
2. When using a clock input.
AC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tR,tF
RiseTime,FallTime
0.8V to 2V
—
0.7
1.5
ns
dT
Output/Duty Cycle
VT = VDDQ/2
45
50
55
%
fOUT
≥≥≥≥≥ 100MHz, all N
-200
—
200
tPD
REF to Q0(1)
VT = VDDQ/2
50 < fOUT < 160MHz, N
≤ 4
-200
—
200
ps
50 < fOUT < 160MHz, N
≥≥≥≥≥ 4.25
-350
—
350
tSK
Output to Output Skew (Q0 to Q1:3)
Equalloads
—
—
200
ps
tJ
Cycle - Cycle Jitter
fOUT
≥≥≥≥≥ 100MHz
-100
—
100
ps
fOUT
OutputFrequency
50
—
160
MHz
NOTE:
1. When using a clock input.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com