Electronic Components Datasheet Search
  English  ▼

X  

IDT5V927 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT5V927
Description  Quad Output Clock Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5V927 Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT5V927 Datasheet HTML 1Page - Integrated Device Technology IDT5V927 Datasheet HTML 2Page - Integrated Device Technology IDT5V927 Datasheet HTML 3Page - Integrated Device Technology IDT5V927 Datasheet HTML 4Page - Integrated Device Technology IDT5V927 Datasheet HTML 5Page - Integrated Device Technology IDT5V927 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
IDT5V927
QUADOUTPUTCLOCKGENERATOR
INDUSTRIALTEMPERATURERANGE
AC TEST LOADS AND WAVEFORMS
15pF
150Ω
OUTPUT
VDD
150Ω
2V
VTH = VDD/2
0V
1ns
3V
1ns
0.8
2V
0V
tR
tF
0.8
VDDQ
VTH = VDDQ/2
AC Test Load
Input Test Waveform
Output Waveform



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com