Electronic Components Datasheet Search
  English  ▼

X  

USL1602 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # USL1602
Description  CONSTANT CURRENT CONTROLLER FOR NON-ISOLATED BUCK LED DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USL1602 Datasheet(HTML) 5 Page - Unisonic Technologies

  USL1602 Datasheet HTML 1Page - Unisonic Technologies USL1602 Datasheet HTML 2Page - Unisonic Technologies USL1602 Datasheet HTML 3Page - Unisonic Technologies USL1602 Datasheet HTML 4Page - Unisonic Technologies USL1602 Datasheet HTML 5Page - Unisonic Technologies USL1602 Datasheet HTML 6Page - Unisonic Technologies USL1602 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
USL1602
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R125-049.a
FUNCTION DESCRIPTION
The UTC USL1602 is a constant current controller, designed for driving non-isolated buck LED power supply. UTC
USL1602
integrates 600V power MOSFET, excellent constant current characteristic is achieved with low counts
components. Low cost and high efficiency of system is realized.
Start up
The VCC will be charged through the startup resistor when the system is powered on. When the voltage on VCC
reaches the startup voltage threshold, the controller starts to switching. The VCC voltage of UTC USL1602 is
clamped to 12.5V by internal Zener diode.
Line Compensation
The UTC USL1602 integrates line compensation function. The line voltage is sensed by the voltage difference
between LN and VCC pin. And the internal reference voltage of VCS is compensated by a value proportional to the
sensed line voltage. The excellent line regulation is achieved.
The line compensation coefficient is given by the following equation:
)
(
CC
LN
3
-
CS
V
-
V
10
40
-
V
∆
×
×
=
The VCS is the reference voltage of the internal current sense comparator.
The VLN is the voltage on LN pin.
The VCC is the voltage on VCC pin.
Constant Current Control and Output Current Setting
The UTC USL1602 uses patent constant current control method, excellent constant current is achieved with low
counts components. The UTC USL1602 senses the peak current in inductor cycle by cycle. The CS Pin is connected
to the input of internal current comparator, and compared with the internal 400mV reference voltage. The external
power MOSFET will be turned off when the CS pin voltage reaches the voltage threshold. The comparator has a
350ns LEB timer to avoid mis-trigger.
The peak current in the inductor is given by:
)
(
A
m
R
400
I
CS
PK =
The RCS is the resistance of current sense resistor
The current in LED can be calculated by the following equation:
2
I
I
PK
LED =
The IPK is the peak current in inductor
Source Driver Structure
The UTC USL1602 uses the patent source driver structure. The typical operation current is as low as 200µA, the
auxiliary winding is not need. So the system design is simple and the cost is low.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com