Electronic Components Datasheet Search
  English  ▼

X  

USL1602 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # USL1602
Description  CONSTANT CURRENT CONTROLLER FOR NON-ISOLATED BUCK LED DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USL1602 Datasheet(HTML) 1 Page - Unisonic Technologies

  USL1602 Datasheet HTML 1Page - Unisonic Technologies USL1602 Datasheet HTML 2Page - Unisonic Technologies USL1602 Datasheet HTML 3Page - Unisonic Technologies USL1602 Datasheet HTML 4Page - Unisonic Technologies USL1602 Datasheet HTML 5Page - Unisonic Technologies USL1602 Datasheet HTML 6Page - Unisonic Technologies USL1602 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
USL1602
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R125-049.a
CONSTANT CURRENT
CONTROLLER FOR
NON-ISOLATED BUCK LED
DRIVER
DESCRIPTION
The UTC USL1602 is a high precision constant current
non-isolated buck LED driver controller. It can operate under
universal AC input, also can operate 12V~600V DC input. The UTC
USL1602
integrates 600V power MOSFET, so it can use very few
external
components
achieve
excellent
constant
current
performance.
The UTC USL1602 uses high precision current sense circuit, to
achieve high precision output current and excellent line regulation.
The UTC USL1602 operates in inductor current critical mode. The
LED current is constant over wide range of inductance variation and
the LED output voltage, so the load regulation is excellent.
The UTC USL1602 operation current is 200uA only, so the
auxiliary winding is not needed. It can simplify the system design
and reduce the system cost.
The UTC USL1602 offers rich protection functions, including
LED short circuit protection, current sense resistor short circuit
protection and over temperature protection.
FEATURES
* Inductor current critical mode, No need to compensate the
inductance variation
* 600V MOSFET integrated
* Source driver structure, Not need the auxiliary winding for VCC
* ±3% LED current accuracy
* Up to 93% system efficiency
* LED short circuit protection
* Current sense resistor short circuit protection
* Over temperature protection
DIP-8
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
USL1602L-D08-T
USL1602G-D08-T
DIP-8
Tube
(1) T: Tube
(2) D08: DIP-8
(3) L: Lead Free, G: Halogen Free and Lead Free
USL1602L-D08-T
(1)Packing Type
(2)Package Type
(3)Green Package


Similar Part No. - USL1602

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USL1601 UTC-USL1601 Datasheet
174Kb / 6P
CONSTANT CURRENT CONTROLLER
USL1601G-S08-R UTC-USL1601G-S08-R Datasheet
174Kb / 6P
CONSTANT CURRENT CONTROLLER
More results

Similar Description - USL1602

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS3440 WINSEMI-WS3440 Datasheet
178Kb / 8P
Constant Current Controller For Non-isolated Buck LED Driver
logo
Unisonic Technologies
UL82A UTC-UL82A Datasheet
400Kb / 12P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL98A UTC-UL98A Datasheet
172Kb / 6P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL98B UTC-UL98B Datasheet
173Kb / 7P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL98C UTC-UL98C Datasheet
173Kb / 7P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL82B UTC-UL82B Datasheet
393Kb / 12P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL82C UTC-UL82C Datasheet
393Kb / 12P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL96A UTC-UL96A Datasheet
193Kb / 7P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
logo
Maxic Technology Corpor...
MT7724 MAXIC-MT7724 Datasheet
165Kb / 1P
Non-isolated High Efficiency Buck Constant Current LED Driver
logo
Bright Power Semiconduc...
BP2812 BPS-BP2812 Datasheet
487Kb / 11P
Constant Current Controller For Non-isolated Buck LED Driver
Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com