Electronic Components Datasheet Search
  English  ▼

X  

ACE11435A Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE11435A
Description  Dual N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE11435A Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE11435A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE11435A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE11435A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE11435A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE11435A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE11435A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE11435A Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ACE11435A
Dual N-Channel Enhancement Mode MOSFET
VER 1.1
3
Electrical Characteristics
TA=25℃, unless otherwise noted.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V, ID=150 uA
40
V
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=250uA
1.0
1.3
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±100
uA
Zero Gate Voltage Drain Current
IDSS
VDS=32V, VGS=0V
1
uA
VDS=32V, VGS=0V, TJ=125℃
10
Drain-Source On-Resistance
RDS(ON)
VGS=10V, ID=0.3A
2.8
4.0
Ω
VGS=5V, ID=0.2A
3.2
5.0
VGS=2.5V, ID=0.02A
7.5
10.0
Forward Trans Conductance
gfs(1)
VDS=10V, ID=0.5A
0.6
S
Diode Forward Voltage
VSD(1)
VGS=0V, IS=0.12A
0.85
1.5
V
Dynamic
Total Gate Charge
Qg
VDD=30V, VGS=5V, ID
≡1A
1.4
2.0
nC
Gate-Source Charge
Qgs
0.8
Gate-Drain Charge
Qgd
0.5
Input Capacitance
Ciss
VDS = 25 V, f = 1 MHz, VGS = 0
43
pF
Output Capacitance
Coss
20
Reverse Transfer Capacitance
Crss
6
Turn-On Time
td(on)
VDD=30V, ID
≡0.5A,
RG=4.7
Ω, V
GS=4.5V
5
ns
tr
15
Turn-Off Time
td(off)
7
tf
8
(1)
Pulsed: Pulse duration = 300 μs, duty cycle 2 %.
(2)
Pulse width limited by safe operating area.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com