Electronic Components Datasheet Search
  English  ▼

X  

ACE11435A Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE11435A
Description  Dual N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE11435A Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE11435A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE11435A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE11435A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE11435A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE11435A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE11435A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE11435A Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE11435A
Dual N-Channel Enhancement Mode MOSFET
VER 1.1
1
Description
The ACE11435A is the Dual N-Channel enhancement mode field effect transistors are produced using
high cell density DMOS technology. These products have been designed to minimize on-state resistance
while provide rugged, reliable, and fast switching performance. They can be used in most applications
requiring up to 300mA DC and can deliver pulsed currents up to 1.0A. These products are particularly
suited for low voltage, low current applications such as small servo motor control, power MOSFET gate
drivers, and other switching applications.
Features
40V/0.30A , RDS(ON)= 4.0
Ω@V
GS=10V
40V/0.20A , RDS(ON)= 5.0
Ω@V
GS=5.0V
40V/0.02A , RDS(ON)= 10.0
Ω@V
GS=2.5V
Super high density cell design for extremely low RDS (ON)
Exceptional on-resistance and maximum DC current capability
SOT-363 package design
Applications
Drivers: Relays, Solenoids, Lamps, Hammers,
Display, Memories, Transistors, etc.
High saturation current capability. Direct Logic-Level Interface: TTL/CMOS
Battery Operated Systems
Solid-State Relays
Absolute Maximum Ratings
(TA=25℃ Unless otherwise noted)
Parameter
Symbol
Typical
Unit
Drain-Source Voltage
VDSS
40
V
Gate-Source Voltage
VGSS
±20
V
Gate –Source Voltage - Non Repetitive ( tp
< 50μs)
VGSS
±40
V
Continuous Drain Current (TJ=150℃)
TA=25℃
ID
0.3
A
Pulsed Drain Current(*)
IDM
1.0
A
Continuous Source Current(Diode Conduction)
IS
0.3
A
Power Dissipation
TA=25℃
PD
0.35
A
Operating Junction Temperature
TJ
-55~150
W
Storage Temperature Range
TSTG
-55~150
OC
Thermal Resistance-Junction to Ambient
RθJA
375
OC /W
(*) Pulse width limited by safe operating area


Similar Part No. - ACE11435A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE114614B ACE-ACE114614B Datasheet
214Kb / 3P
60V Complementary Enhancement Mode Power MOSFET
VER 1.1
ACE114614BFM+H ACE-ACE114614BFM+H Datasheet
214Kb / 3P
60V Complementary Enhancement Mode Power MOSFET
VER 1.1
More results

Similar Description - ACE11435A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026 Datasheet
256Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
Dual N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTDN8233X6 CYSTEKEC-MTDN8233X6 Datasheet
290Kb / 8P
Dual N -Channel Enhancement Mode MOSFET
MTDN8810T8 CYSTEKEC-MTDN8810T8 Datasheet
423Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026_10 Datasheet
236Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
SPN2622 SYNC-POWER-SPN2622 Datasheet
188Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG1026UV DIODES-DMG1026UV Datasheet
240Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
Stanson Technology
STN4828 STANSON-STN4828 Datasheet
511Kb / 6P
Dual N Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com