Electronic Components Datasheet Search
  English  ▼

X  

ACE14935M Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE14935M
Description  Dual P-Channel 30-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE14935M Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE14935M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE14935M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE14935M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE14935M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE14935M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE14935M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE14935M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ACE14935M
Dual P-Channel 30-V (D-S) MOSFET
VER 1.1
3
Electrical Characteristics
TA=25℃, unless otherwise specified.
Parameter
Symbol
Test Conditions
Min Typ
Max
Unit
Static
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 uA
-1
-3
V
Gate-Body Leakage
IGSS
VDS= 0 V, VGS= ±25V
±100
nA
Zero Gate Voltage Drain
Current
IDSS
VDS =-24V, VGS = 0 V
-1
uA
VDS = -24V, VGS = 0 V, TJ = 55°C
-5
On-State Drain Current
ID(on)
VDS = -5 V, VGS = -10 V
-40
A
Drain-Source On-Resistance
rDS(on)
VGS = -10 V, ID =-7.8 A
19
21
mΩ
VGS = -4.5 V, ID = -6.0A
28
35
Forward Transconductance
gfs
VDS = -10V, ID = -7.8A
22
S
Diode Forward Voltage
VSD
IS=1.7A, VGS = 0 V
-0.7
-1.2
V
Dynamic
Total Gate Charge
Qg
V
DS= -15 V, VGS = -5V, ID= -7.8 A
15
nC
Gate-Source Charge
Qgs
5.2
Gate-Drain Charge
Qgd
5.8
Turn-On Delay Time
td(on)
V
DD= -15V, RL=6Ω, ID = -1 A,
V
GEN= -10 V
15
ns
Rise Time
tr
12
Turn-Off Delay Time
td(off)
62
Fall Time
tf
46
Note :
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com