Electronic Components Datasheet Search
  English  ▼

X  

ACE14935M Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE14935M
Description  Dual P-Channel 30-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE14935M Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE14935M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE14935M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE14935M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE14935M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE14935M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE14935M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE14935M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE14935M
Dual P-Channel 30-V (D-S) MOSFET
VER 1.1
1
Description
These miniature surface mount MOSFETs utilize High Cell Density process. Low R
DS(on) assures
minimal power loss and conserves energy, making this device ideal for use in power management
circuitry. Typical applications are PWMDC-DC converters, power management in portable and
battery-powered products such as computers, printers, battery charger, telecommunication power system,
and telephones power system.
Features
Low RDS(on) Provides Higher Efficiency and Extends
Battery Life
Miniature SOP-8 Surface Mount Package Saves
Board Space
High power and current handling capability
Extended VGS range (±25) for battery pack applications
Absolute Maximum Ratings
Parameter
Symbol
Limit
Units
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±25
V
Continuous
Drain Current
a
TA=25℃
ID
-7.8
A
TA=70℃
-6.2
Pulsed Drain Current
b
IDM
±30
A
Continuous Source Current (Diode Conduction)
a
IS
-1.7
A
Power Dissipation
a
TA=25℃
PD
2.0
W
TA=70℃
1.3
Operating temperature / storage temperature
TJ/TSTG
-55~150
℃
Thermal Resistance Ratings
Parameter
Symbol
Maximum
Units
Maximum Junction-to-Ambient
a
t <= 10 sec
RθJA
62.5
°C/W
Steady State
110
Notes
a. Surface Mounted on 1” x 1” FR4 Board.
b. Pulse width limited by maximum junction temperature
Product Summary
VDS (V)
RDS(on) (
Ω)
ID(A)
-30
0.021 @ VGS = -10V
-7.8
0.035 @ VGS = -4.5V
-6.0


Similar Part No. - ACE14935M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE140P68B ACE-ACE140P68B Datasheet
219Kb / 3P
P-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE140P68BYMH ACE-ACE140P68BYMH Datasheet
219Kb / 3P
P-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE14201B ACE-ACE14201B Datasheet
752Kb / 6P
P-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE14201T ACE-ACE14201T Datasheet
522Kb / 6P
P-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE1420M ACE-ACE1420M Datasheet
486Kb / 7P
N-Channel 20-V MOSFET
VER 1.1
More results

Similar Description - ACE14935M

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AF4935 ANACHIP-AF4935 Datasheet
149Kb / 3P
Dual P-Channel 30-V (D-S) MOSFET
Rev. 1.0 Jul 16, 2004
logo
Vishay Siliconix
SI4927DY VISHAY-SI4927DY Datasheet
271Kb / 3P
Dual P-Channel 30-V (D-S) MOSFET
02-Jan-06
SI7941DP VISHAY-SI7941DP Datasheet
274Kb / 3P
Dual P-Channel 30-V (D-S) MOSFET
31-May-04
SI4953DY VISHAY-SI4953DY Datasheet
43Kb / 4P
Dual P-Channel 30-V(D-S) MOSFET
18-Aug-03
SI7921DN VISHAY-SI7921DN Datasheet
186Kb / 5P
Dual P-Channel 30-V (D-S) MOSFET
27-Jun-05
logo
Guangdong Kexin Industr...
KI4953DY KEXIN-KI4953DY Datasheet
50Kb / 2P
Dual P-Channel 30-V(D-S) MOSFET
KI4923DY KEXIN-KI4923DY Datasheet
51Kb / 2P
Dual P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7945DP VISHAY-SI7945DP_06 Datasheet
207Kb / 4P
Dual P-Channel 30-V (D-S) MOSFET
27-Feb-06
SI7997DP VISHAY-SI7997DP Datasheet
482Kb / 13P
Dual P-Channel 30 V (D-S) MOSFET
09-Aug-10
SI3993DV VISHAY-SI3993DV Datasheet
204Kb / 10P
Dual P-Channel 30-V (D-S) MOSFET
02-Nov-09
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com