Electronic Components Datasheet Search
  English  ▼

X  

LT3437 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3437
Description  High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3437 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3437 Datasheet HTML 15Page - Linear Technology LT3437 Datasheet HTML 16Page - Linear Technology LT3437 Datasheet HTML 17Page - Linear Technology LT3437 Datasheet HTML 18Page - Linear Technology LT3437 Datasheet HTML 19Page - Linear Technology LT3437 Datasheet HTML 20Page - Linear Technology LT3437 Datasheet HTML 21Page - Linear Technology LT3437 Datasheet HTML 22Page - Linear Technology LT3437 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LT3437
19
3437f
APPLICATIO S I FOR ATIO
(tr + tf + tIR + tIF)
tr = (VIN/0.6)ns
tf = (VIN/2)ns
tIR = tIF = (IOUT/0.05)ns
f = switch frequency
Example: with VIN = 40V, VOUT = 5V and IOUT = 250mA:
Pe
W
PW
PW
SW
BOOST
Q
= ( )(
)()
+
()
()()( )(
)
+=
= () () =
=
()+ () =
1 0 25
5
40
92 12 0 25 40 200 3
0 008 0 092
0 1
50 25 30
40
0 005
40 0 0005
5 0 0008
0 024
2
2
.
/.
..
.
./
.
..
.
Total power dissipation is:
PTOT = 0.1 + 0.065 + 0.024 = 0.13W
Thermal resistance for the LT3437 package is influenced
by the presence of internal or backside planes. With a full
plane under the package, thermal resistance will be about
45
°C for the FE and DD packages. No plane will increase
resistance to about 150
°C/W.Tocalculatedietemperature,
use the proper thermal resistance number for the desired
package and add in worst-case ambient temperature:
TJ = TA + QJA (PTOT)
With the DD package (QJA = 45°C/W) at an ambient
temperature of 70
°C:
TJ = 70 + 45(0.1) = 74.5°C
Input Voltage vs Operating Frequency Considerations
The absolute maximum input supply voltage for the LT3437
is specified at 80V. This is based solely on internal semi-
conductor junction breakdown effects. Due to internal
power dissipation, the actual maximum VIN achievable in
a particular application may be less than this.
A detailed theoretical basis for estimating internal power
loss is given in the section Thermal Considerations. Note
that AC switching loss is proportional to both operating
frequency and output current. The majority of AC switch-
ing loss is also proportional to the square of input voltage.
For example, while the combination of VIN = 40V, VOUT =
5V at 700mA and fOSC = 200kHz may be easily achievable,
simultaneously raising VIN to 80V and fOSC to 700kHz is not
possible. Nevertheless, input voltage transients up to 80V
can usually be accommodated, assuming the resulting
increase in internal dissipation is of insufficient time dura-
tion to raise die temperature significantly.
A second consideration is controllability. A potential limi-
tation occurs with a high step-down ratio of VIN to VOUT,
as this requires a correspondingly narrow minimum switch
on time. An approximate expression for this (assuming
continuous mode operation) is given as follows:
tON(MIN) = (VOUT + VF)/VIN(fOSC)
where:
VIN = input voltage
VOUT = output voltage
VF = Schottky diode forward drop
fOSC = switching frequency
A potential controllability problem arises if the LT3437 is
called upon to produce an on time shorter than it is able to
produce. Feedback loop action will lower, then reduce, the
VC control voltage to the point where some sort of cycle-
skipping or Burst Mode behavior is exhibited.
In summary:
1. Be aware that the simultaneous requirements of high
VIN, high IOUT and high fOSC may not be achievable in
practice due to internal dissipation. The Thermal Con-
siderations section offers a basis to estimate internal
power. In questionable cases, a prototype supply should
be built and exercised to verify acceptable operation.
2. The simultaneous requirements of high VIN, low VOUT
and high fOSC can result in an unacceptably short mini-
mum switch on time. Cycle skipping and/or Burst Mode
behavior will result causing an increase in output volt-
age ripple while maintaining the correct output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com