Electronic Components Datasheet Search
  English  ▼

X  

LT6100 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6100
Description  Precision, Gain Selectable High Side Current Sense Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6100 Datasheet(HTML) 2 Page - Linear Technology

  LT6100 Datasheet HTML 1Page - Linear Technology LT6100 Datasheet HTML 2Page - Linear Technology LT6100 Datasheet HTML 3Page - Linear Technology LT6100 Datasheet HTML 4Page - Linear Technology LT6100 Datasheet HTML 5Page - Linear Technology LT6100 Datasheet HTML 6Page - Linear Technology LT6100 Datasheet HTML 7Page - Linear Technology LT6100 Datasheet HTML 8Page - Linear Technology LT6100 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT6100
6100f
Differential Sense Voltage .....................................
±48V
Total VS+, VS– to VEE ............................................... 48V
Total VCC Supply Voltage from VEE ......................... 36V
Output Voltage ............................... (VEE) to (VEE + 36V)
Output Short-Circuit Duration (Note 3) ........ Continuous
Operating Temperature Range (Note 4)
LT6100C ............................................. – 40
°C to 85°C
LT6100I .............................................. – 40
°C to 85°C
LT6100H .......................................... – 40
°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grades are identified by a label on the shipping container.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Notes 1, 2)
LT6100CDD
LT6100IDD
LT6100HDD
ORDER PART
NUMBER
DD PART MARKING*
LBMW
TJMAX = 125°C, θJA = 43°C/ W
EXPOSED PAD (PIN 9) IS VEE
MUST BE SOLDERED TO PCB
Specified Temperature Range (Note 5)
LT6100C ............................................. – 40
°C to 85°C
LT6100I .............................................. – 40
°C to 85°C
LT6100H .......................................... – 40
°C to 125°C
Storage Temperature Range ...........................................
DFN .................................................. – 65
°C to 125°C
MSOP ............................................... – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSOP .............................................................. 300
°C
ORDER PART
NUMBER
MS PART MARKING*
LTBMV
LT6100CMS8
LT6100IMS8
LT6100HMS8
TJMAX = 150°C, θJA = 250°C/ W
TOP VIEW
9
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
VS
–
VCC
FIL
VEE
VS
+
A4
A2
VOUT
1
2
3
4
VS
–
VCC
FIL
VEE
8
7
6
5
VS
+
A4
A2
VOUT
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VS
–, VS+
Sense Amplifier Supply Voltage
Single Supply Operation (VCC = 2.7V)
●
4.1
48
V
VSENSE
Input Sense Voltage Full Scale
VSENSE = VS+ – VS–, VCC = 3V, AV = 10V/V
●
110
mV
VSENSE = VS
+ – VS–, VCC = 5V, AV = 10V/V
●
300
mV
VOS
Input Offset Voltage (MS Package)
IOUT = 0, VCC = 5V
–300
±80
300
µV
●
–500
500
µV
Input Offset Voltage (DD Package)
IOUT = 0, VCC = 5V
–350
±80
350
µV
●
–550
550
µV
VOS TC
Temperature Coefficient of VOS
VCC = 5V (Note 6)
●
0.5
3
µV/°C
AV
Gain, VOUT/VSENSE
VSENSE = 50mV to 80mV, VCC Supply = 5V, AV = 10V/V
9.95
10
10.05
V/V
LT6100DD8
9.94
10
10.06
V/V
●
9.90
10
10.10
V/V
VS = 48V
●
9.9
10
10.10
V/V
Output Voltage Gain Error (Note 7)
VSENSE = 50mV to 80mV, VCC Supply = 5V,
–0.5
0.5
%
AV = 10, 12.5, 20, 25, 40, 50V/V
LT6100DD8
–0.6
0.6
%
●
–1.0
1.0
%
VS = 48V
●
–1.0
1.0
%
The
● denotes specifications which apply over the temperature range 0
°C ≤ TA ≤ 70°C (LT6100C), otherwise specifications are
TA = 25°C. VCC = 5V, VEE = 0V, VS
+ = VCC + 1.4V unless otherwise specified. (Note 5)
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com