Electronic Components Datasheet Search
  English  ▼

X  

LT6100 Datasheet(PDF) 3 Page - Linear Technology

Part # LT6100
Description  Precision, Gain Selectable High Side Current Sense Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6100 Datasheet(HTML) 3 Page - Linear Technology

  LT6100 Datasheet HTML 1Page - Linear Technology LT6100 Datasheet HTML 2Page - Linear Technology LT6100 Datasheet HTML 3Page - Linear Technology LT6100 Datasheet HTML 4Page - Linear Technology LT6100 Datasheet HTML 5Page - Linear Technology LT6100 Datasheet HTML 6Page - Linear Technology LT6100 Datasheet HTML 7Page - Linear Technology LT6100 Datasheet HTML 8Page - Linear Technology LT6100 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT6100
6100f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VS CMRR
VS Sense Input Common Mode
VSENSE = 50mV, VCC = 2.7V, VS = 4.1V to 36V
105
120
dB
Rejection Ratio
●
100
120
dB
VCC PSRR
VCC Supply Rejection Ratio
VSENSE = 50mV, VS = 36V, VCC = 3V to 30V
105
120
dB
●
100
120
dB
VCC
Supply Voltage VCC
2.7
36
V
BW
Bandwidth
AV = 10V/V, fO = –3dB
100
150
kHz
AV = 50V/V, fO = –3dB
20
50
kHz
tS
Output Settling to 1% Final Value
VSENSE = 10mV to 100mV
15
µs
IS+(O), IS–(O) Sense Input Current
VSENSE = 0V
●
4.5
10
µA
ICC(O)
VCC Supply Current
VSENSE = 0V, VCC = 5V
●
60
130
µA
SR
Slew Rate
VCC = 15V, VSENSE = 50mV to 300mV, AV = 50V/V
0.03
0.05
V/
µs
●
0.02
0.05
V/
µs
ISC
Short-Circuit Current
ISC+, ISC–
815
mA
Reverse VS Supply
IS = –100µA
●
50
60
V
VO(MIN)
Minimum Output Voltage
VSENSE = 0V, No Load
●
15
30
mV
VSENSE = VS+ – VS– = –100mV, AV = 50V/V, No Load
15
25
mV
VO(MAX)
Output High
VCC = 5V, AV = 50V/V, VSENSE = 100mV, IL = 0
●
75
125
mV
VSENSE = 100mV, IL = 100µA
●
85
150
mV
VSENSE = 100mV, IL = 500µA
●
125
250
mV
VSENSE = 100mV, IL = 1mA
●
175
400
mV
IS+, IS– (Off) Sense Input Current (Power Down) VCC = 0V, VS = 48V, VSENSE = 0V
●
0.001
1
µA
The
● denotes specifications which apply over the temperature range 0
°C ≤ TA ≤ 70°C (LT6100C), otherwise specifications are
TA = 25°C. VCC = 5V, VEE = 0V, VS
+ = VCC + 1.4V unless otherwise specified. (Note 5)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VS–, VS+
Sense Amplifier Supply Voltage
Single Supply Operation (VCC = 2.7V)
●
4.1
48
V
VSENSE
Input Sense Voltage Full Scale
VSENSE = VS+ – VS–, VCC = 3V, AV = 10V/V
●
110
mV
VSENSE = VS+ – VS–, VCC = 5V, AV = 10V/V
●
300
mV
VOS
Input Offset Voltage (MS Package)
IOUT = 0, VCC = 5V
–300
±80
300
µV
●
–550
550
µV
Input Offset Voltage (DD Package)
IOUT = 0, VCC = 5V
–350
±80
350
µV
●
–600
600
µV
VOS TC
Temperature Coefficient of VOS
VCC = 5V (Note 6)
●
0.5
3
µV/°C
AV
Gain, VOUT/VSENSE
VSENSE = 50mV to 80mV, VCC = 5V, AV = 10V/V
9.95
10
10.05
V/V
LT6100DD8
9.94
10
10.06
V/V
●
9.90
10
10.10
V/V
VS = 48V
●
9.9
10
10.10
V/V
Output Voltage Gain Error (Note 7)
VSENSE = 50mV to 80mV, VCC = 5V,
–0.5
0.5
%
AV = 10, 12.5, 20, 25, 40, 50V/V
LT6100DD8
–0.6
0.6
%
●
–1.0
1.0
%
VS = 48V
●
–1.0
1.0
%
The
● denotes specifications which apply over the temperature range –40
°C ≤ TA ≤ 85°C (LT6100I), otherwise specifications are
TA = 25°C. VCC = 5V, VEE = 0V, VS
+ = VCC + 1.4V unless otherwise specified. (Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com