Electronic Components Datasheet Search
  English  ▼

X  

AD5251 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5251
Description  Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5251 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5251 Datasheet HTML 13Page - Analog Devices AD5251 Datasheet HTML 14Page - Analog Devices AD5251 Datasheet HTML 15Page - Analog Devices AD5251 Datasheet HTML 16Page - Analog Devices AD5251 Datasheet HTML 17Page - Analog Devices AD5251 Datasheet HTML 18Page - Analog Devices AD5251 Datasheet HTML 19Page - Analog Devices AD5251 Datasheet HTML 20Page - Analog Devices AD5251 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
AD5251/AD5252
Rev. E | Page 17 of 28
1 READ
S
0
1
0
1
1
A
D
1
A
D
0
1
A
P
A
RDAC1
EEMEM OR REGISTER DATA
RDAC3
EEMEM OR REGISTER DATA
SLAVE ADDRESS
(N BYTES + ACKNOWLEDGE)
A/
A
A
X
DATA
Figure 29. RDAC Current Read (Restricted to Previously Selected Address Stored in the Register)
P
S
SLAVE ADDRESS
0 WRITE
SLAVE ADDRESS
INSTRUCTION AND
ADDRESS
A
1
S
REPEATED START
1 READ
A
0A
(N BYTES + ACKNOWLEDGE)
RDAC OR
EEMEM DATA
A/A
Figure 30. RDAC or EEMEM Random Read
0 WRITE
1 CMD
S
0
1
0
1
1
A
D
1
A
D
0
0
A
C
3
C
2
C
1
C
0
A
2
A
1
A
0
A
P
RDAC SLAVE ADDRESS
CMD/
REG
FROM MASTER TO SLAVE
FROM SLAVE TO MASTER
S = START CONDITION
P = STOP CONDITION
A = ACKNOWLEDGE (SDA LOW)
A = NOT ACKNOWLEDGE (SDA HIGH)
AD1, AD0 = I2C DEVICE ADDRESS BITS; MUST MATCH WITH THE LOGIC STATES AT PINS AD1, AD0
R/W = READ ENABLE BIT, LOGIC HIGH/WRITE ENABLE BIT, LOGIC LOW
CMD/REG = COMMAND ENABLE BIT, LOGIC HIGH/REGISTER ACCESS BIT, LOGIC LOW
C3, C2, C1, C0 = COMMAND BITS
A2, A1, A0 = RDAC/EEMEM REGISTER ADDRESSES
Figure 31. RDAC Quick Command Write (Dummy Write)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com