Electronic Components Datasheet Search
  English  ▼

X  

AD5251 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5251
Description  Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5251 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5251 Datasheet HTML 14Page - Analog Devices AD5251 Datasheet HTML 15Page - Analog Devices AD5251 Datasheet HTML 16Page - Analog Devices AD5251 Datasheet HTML 17Page - Analog Devices AD5251 Datasheet HTML 18Page - Analog Devices AD5251 Datasheet HTML 19Page - Analog Devices AD5251 Datasheet HTML 20Page - Analog Devices AD5251 Datasheet HTML 21Page - Analog Devices AD5251 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD5251/AD5252
Data Sheet
Rev. E | Page 18 of 28
RDAC/EEMEM Quick Commands
The AD5251/AD5252 feature 12 quick commands that facilitate
easy manipulation of RDAC wiper settings and provide RDAC-
to-EEMEM storing and restoring functions. The command
format is shown in Figure 31, and the command descriptions
are shown in Table 9.
When using a quick command, issuing a third byte is not needed,
but is allowed. The quick commands reset and store RDAC to
EEMEM require acknowledge polling to determine whether the
command has finished executing.
RAB Tolerance Stored in Read-Only Memory
The AD5251/AD5252 feature patented RAB tolerances storage in
the nonvolatile memory. The tolerance of each channel is stored
in the memory during the factory production and can be read
by users at any time. The knowledge of the stored tolerance,
which is the average of RAB over all codes (see Figure 16), allows
users to predict RAB accurately. This feature is valuable for
precision, rheostat mode, and open-loop applications in which
knowledge of absolute resistance is critical.
The stored tolerances reside in the read-only memory and are
expressed as percentages. Each tolerance is stored in two memory
locations (see Table 10 ). The tolerance data is expressed in sign
magnitude binary format stored in two bytes; an example is shown
in Figure 32. For the first byte in Register N, the MSB is designated
for the sign (0 = + and 1 = –) and the 7 LSB is designated for the
integer portion of the tolerance.
For the second byte in Register N + 1, all eight data bits are
designated for the decimal portion of tolerance. As shown in
Table 10 and Figure 32, for example, if the rated RAB is 10 kΩ
and the data readback from Address 11000 shows 0001 1100
and Address 11001 shows 0000 1111, then RDAC0 tolerance
can be calculated as
MSB: 0 = +
Next 7 MSB: 001 1100 = 28
8 LSB: 0000 1111 = 15 × 2–8 = 0.06
Tolerance = 28.06% and, therefore,
RAB_ACTUAL = 12.806 kΩ
EEMEM Write-Acknowledge Polling
After each write operation to the EEMEM registers, an
internal write cycle begins. The I2C interface of the device is
disabled. To determine if the internal write cycle is complete
and the I2C interface is enabled, interface polling can be
executed. I2C interface polling can be conducted by sending a
start condition, followed by the slave address and the write bit.
If the I2C interface responds with an ACK, the write cycle is
complete and the interface is ready to proceed with further
operations. Other-wise, I2C interface polling can be repeated
until it succeeds. Command 2 and Command 7 also require
acknowledge polling.
EEMEM Write Protection
Setting the
AA
WPEE
AA
pin to logic low after EEMEM programming
protects the memory and RDAC registers from future write
operations. In this mode, the EEMEM and RDAC read
operations function as normal.
Table 9. RDAC-to-EEMEM Interface and RDAC Operation Quick Command Bits (CMD/
AA
REGEE
AA
= 1, A2 = 0)
C3
C2
C1
C0
Command Description
0
0
0
0
NOP
0
0
0
1
Restore EEMEM (A1, A0) to RDAC (A1, A0)
24F
1
0
0
1
0
Store RDAC (A1, A0) to EEMEM (A1, A0)
0
0
1
1
Decrement RDAC (A1, A0) 6 dB
0
1
0
0
Decrement all RDACs 6 dB
0
1
0
1
Decrement RDAC (A1, A0) one step
0
1
1
0
Decrement all RDACs one step
0
1
1
1
Reset: restore EEMEMs to all RDACs
1
0
0
0
Increment RDACs (A1, A0) 6 dB
1
0
0
1
Increment all RDACs 6 dB
1
0
1
0
Increment RDACs (A1, A0) one step
1
0
1
1
Increment all RDACs one step
1
1
0
0
Reserved
:
:
:
:
:
:
:
:
:
:
1
1
1
1
Reserved
1
This command leaves the device in the EEMEM read power state, which consumes power. Issue the NOP command to return the device to its idle state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com