Electronic Components Datasheet Search
  English  ▼

X  

AP3127 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP3127
Description  GREEN MODE PWM CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3127 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP3127 Datasheet HTML 4Page - Diodes Incorporated AP3127 Datasheet HTML 5Page - Diodes Incorporated AP3127 Datasheet HTML 6Page - Diodes Incorporated AP3127 Datasheet HTML 7Page - Diodes Incorporated AP3127 Datasheet HTML 8Page - Diodes Incorporated AP3127 Datasheet HTML 9Page - Diodes Incorporated AP3127 Datasheet HTML 10Page - Diodes Incorporated AP3127 Datasheet HTML 11Page - Diodes Incorporated AP3127 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AP3127/H
Document number: DS37920 Rev. 2 - 2
8 of 13
www.diodes.com
September 2015
© Diodes Incorporated
AP3127/H
Operation Description
The AP3127/H is specifically designed for off-line AC-DC power supply used in LCD monitor, notebook adapter and battery charger applications.
It offers a cost effective solution with a versatile protection function.
Start-up Current and UVLO
The start-up current of AP3127/H is optimized to realize ultra low current (1
A typical) so that VCC capacitor can be charged more quickly. The
direct benefit of low start-up current is the availability of using large start-up resistor, which minimizes the resistor power loss for high voltage AC
input.
An UVLO comparator is included in AP3127/H to detect the voltage on VCC pin. It ensures that AP3127/H can draw adequate energy from hold-
up capacitor during power-on. The turn-on threshold is 16V and the turn-off threshold is 7.6V.
Current Sense Comparator and PWM Latch
The AP3127/H operates as a current mode controller, the output switch conduction is initiated by every oscillator cycle and is terminated when
the peak inductor current reaches the threshold level established by the FB pin. The inductor current signal is converted to a voltage signal by
inserting a reference sense resistor RS. The inductor current under normal operating conditions is controlled by the voltage at FB pin. The
relation between peak inductor current (IPK) and VFB is:
S
FB
PK
R
V
I
3
/
)
8
.
0
(
Moreover, FOCP with 1.8V threshold is only about 100ns delay, which can avoid some catastrophic damages such as secondary rectifier short
test. Few drive cycles can alleviate the destruction range and get better protection.
Leading-edge Blanking
A narrow spike on the leading edge of the current waveform can usually be observed when the power MOSFET is turned on. A 250ns leading-
edge blank is built-in to prevent the false-triggering caused by the turn-on spike. During this period, the current limit comparator is disabled and
the gate driver can not be switched off.
At the time of turning off the MOSFET, a negative undershoot (maybe larger than -0.3V) can occur on the SENSE pin. So it is strongly
recommended to add a small RC filter or at least connect a resistor “R” on this pin to protect the IC (Shown as Figure 1).
FB
SENSE
GATE
GND
SOVP/
UVP
6
1
3
4
AP3127/H
VCC
5
2
Large undershoot (more than
-0.3V) may damage the SENSE pin
R
C
Necessary
Figure 1
Built-in Slope Compensation
It is well known that a continuous current mode SMPS may become unstable when the duty cycle exceeds 50%. The built-in slope compensation
can improve the stability, so there is no need for design engineer to spend much time on that.
FB Pin and Short Circuit Protection
This pin is normally connected to the opto-coupler and always paralleled with a capacitor for loop compensation. When the voltage at this pin is
greater than 4.5V and lasts for about 90ms, the IC will enter the protection mode. For AP3127/H, the system will enter hiccup mode to wait the VCC
decreasing to low UVLO level, then the IC will try to restart until the failure removed. And when this voltage is less than 1.55V, the IC will stop the
drive pulse immediately. Therefore, this feature can be used for short circuit protection, which makes the system immune from damage. Normally,
output short makes the VFB value to the maximum because the opto-coupler is cut off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com