Electronic Components Datasheet Search
  English  ▼

X  

AP3127 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3127
Description  GREEN MODE PWM CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3127 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3127 Datasheet HTML 1Page - Diodes Incorporated AP3127 Datasheet HTML 2Page - Diodes Incorporated AP3127 Datasheet HTML 3Page - Diodes Incorporated AP3127 Datasheet HTML 4Page - Diodes Incorporated AP3127 Datasheet HTML 5Page - Diodes Incorporated AP3127 Datasheet HTML 6Page - Diodes Incorporated AP3127 Datasheet HTML 7Page - Diodes Incorporated AP3127 Datasheet HTML 8Page - Diodes Incorporated AP3127 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AP3127/H
Document number: DS37920 Rev. 2 - 2
3 of 13
www.diodes.com
September 2015
© Diodes Incorporated
AP3127/H
Functional Block Diagram
GND
GATE
250ns LEB
Driver
13V
OSC with
Frequency
Jitter
0.95V
VCC_OVP
OLP
VCC
32V
28V
VCC_OVP
SOVP
/UVP
UVLO
16V
7.6V
0.95V
Auto
Recovery
Protection
AP3127/H
FB
R
2R
PWM
0.3V
1.3V
Latch-off
Protection
90mS
Debounce
OLP
FOCP
4V
5V
SOVP
UVP
OCP
SS
SS
VDD
Line
Compensation
Soft
Start
1.80V
FOCP
Q
D
CLK RB
DFF
Internal OTP
VCC
VDD
OTP
SOVP
Internal
Bias
+150 C
o
/+125
oC
SENSE
1
2
5
4
3
6
UVP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com