Electronic Components Datasheet Search
  English  ▼

X  

AP3783 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP3783
Description  PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3783 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP3783 Datasheet HTML 7Page - Diodes Incorporated AP3783 Datasheet HTML 8Page - Diodes Incorporated AP3783 Datasheet HTML 9Page - Diodes Incorporated AP3783 Datasheet HTML 10Page - Diodes Incorporated AP3783 Datasheet HTML 11Page - Diodes Incorporated AP3783 Datasheet HTML 12Page - Diodes Incorporated AP3783 Datasheet HTML 13Page - Diodes Incorporated AP3783 Datasheet HTML 14Page - Diodes Incorporated AP3783 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AP3783
Document number: DS37429 Rev. 8 - 2
11 of 17
www.diodes.com
December 2017
© Diodes Incorporated
AP3783
Operation Principle Description (Cont.)
fSW
Full load
IO
38.9KHz
34%
57%
5.5%
IO
VCS_REF
12KHz
IO(MAX)
24.5KHz
68KHz
31.2KHz
45KHz
50KHz
55KHz
VCS_L
VCS_H
VCS_M
VCS_D
High Load
Medium
Load
Light Load
Ultra Light
Load
Figure 4. Multiple Segment Peak Current at CV Mode
It can be seen from Figure 4, with multiple segment peak current control, AP3783 power system can achieve good audible noise performance.
3-Segment Drive Current for Radiative EMI Suppression
When the power switch is turned on, a turn-on spike will occur, that worsens the radiative EMI. It is an effective way to decrease drive current
before gate voltage gets to miller platform. The AP3783 uses 3-segment drive current for radiative EMI suppression, as shown in Figure 5.
When gate voltage gets to 6V, the AP3783 drive current switches from low current (typical: 20mA) to high current (typical: 110mA). When the
gate voltage gets to 10V, the drive current will decrease gradually to 0mA until the gate voltage goes up to the clamp voltage (13V).
Gate voltage
Drive current
t
10V
6.5V
High drive current=110mA
Low drive current=20mA
13V
Miller Platform
Figure 5. Drive Current and Gate Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com