Electronic Components Datasheet Search
  English  ▼

X  

AP3783 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP3783
Description  PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3783 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP3783 Datasheet HTML 9Page - Diodes Incorporated AP3783 Datasheet HTML 10Page - Diodes Incorporated AP3783 Datasheet HTML 11Page - Diodes Incorporated AP3783 Datasheet HTML 12Page - Diodes Incorporated AP3783 Datasheet HTML 13Page - Diodes Incorporated AP3783 Datasheet HTML 14Page - Diodes Incorporated AP3783 Datasheet HTML 15Page - Diodes Incorporated AP3783 Datasheet HTML 16Page - Diodes Incorporated AP3783 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
AP3783
Document number: DS37429 Rev. 8 - 2
14 of 17
www.diodes.com
December 2017
© Diodes Incorporated
AP3783
Ordering Information
AP3783 X XX XX- XX
Packing
Package
TR : Tape & Reel
K6 : SOT26
G1 : Green
Product Name
RoHS/Green
Cable Compensation
Voltage
A: 7%
B: 4%
C: 12%
Package
Temperature
Range
Cable
Compensation
Voltage
Part Number
Marking ID
Packing
SOT26
-40 to +85
C
7%
AP3783AK6TR-G1
GBZ
3000/Tape & Reel
4%
AP3783BK6TR-G1
GNZ
3000/Tape & Reel
12%
AP3783CK6TR-G1
GPZ
3000/Tape & Reel
Marking Information
(Top View)
: Logo
XXX: Marking ID (See Ordering Information)
XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com