Electronic Components Datasheet Search
  English  ▼

X  

P8908 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # P8908
Description  25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

P8908 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button P8908 Datasheet HTML 5Page - Diodes Incorporated P8908 Datasheet HTML 6Page - Diodes Incorporated P8908 Datasheet HTML 7Page - Diodes Incorporated P8908 Datasheet HTML 8Page - Diodes Incorporated P8908 Datasheet HTML 9Page - Diodes Incorporated P8908 Datasheet HTML 10Page - Diodes Incorporated P8908 Datasheet HTML 11Page - Diodes Incorporated P8908 Datasheet HTML 12Page - Diodes Incorporated P8908 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PAM8901 / PAM8908
Document number: DS36456 Rev. 2 - 2
9 of 13
www.diodes.com
October 2016
© Diodes Incorporated
PAM8901 / PAM8908
Application Information
The basic PAM8901 / PAM8908 application circuit is shown in page 2.
Gain Control
The PAM8901 / PAM8908 has four gain settings which are controlled with pins G0 and G1. The following table gives an overview of the gain
function.
G0 Voltage
G1 Voltage
Amplifier Gain
≤0.6V
≤0.6V
-6dB
≥1.4V
≤0.6V
0dB
≤0.6V
≥1.4V
3dB
≥1.4V
≥1.4V
6dB
Input Coupling Capacitors
Input coupling capacitors block any DC bias from the audio source and ensure maximum dynamic range. Input coupling capacitors also minimize
PAM8901 / PAM8908 turn-on pop to an inaudible level. The input capacitors are in series with PAM8901 / PAM8908 internal input resistors,
creating a high-pass filter. The following Equation calculates the highpass filter corner frequency.
C
R
2
1
f
IN
IN
TT
C
The input impedance, RIN, is dependent on device gain. Larger input capacitors decrease the corner frequency. See the following table for input
impedance values.
G0 Voltage
G1 Voltage
RIN
≤0.6V
≤0.6V
26.4kΩ
≥1.4V
≤0.6V
19.8kΩ
≤0.6V
≥1.4V
16.5kΩ
≥1.4V
≥1.4V
13.2kΩ
For a given high-pass cutoff frequency, the minimum input coupling capacitor is found as:
R
f
2
1
C
IN
C
TT
IN
Example: Design for a 20Hz corner frequency with a PAM8901 / PAM8908 gain of +6dB. The input impedance table gives RIN as 13.2kΩ. The CIN
Equation shows the input coupling capacitors must be at least 0.6µF to achieve a 20Hz highpass corner frequency. Choose a 0.68µF standard
value capacitor for each PAM8901 / PAM8908 input (X5R material or better is required for best performance).
Charge Pump Flying Capacitor, HPVDD Capacitor and HPVSS Capacitor
The PAM8901 / PAM8908 uses a built-in charge pump to generate a positive and negative voltage supply for the headphone amplifiers. The
charge pump flying capacitor connects between CAP+ and CAP-. It transfers charge to generate the positive and negative supply voltage. The
HPVDD capacitor or HPVSS capacitor must be at least equal in or larger than value to the flying capacitor to allow maximum charge transfer. Use
low equivalent-series-resistance (ESR) ceramic capacitors (X5R material or better is required for best performance) to maximize charge pump
efficiency. Typical values are 1µF for the HPVDD, HPVSS and flying capacitors.
Power Supply Decoupling Capacitors
The PAM8901 / PAM8908 TrueCapFree headphone amplifier requires adequate power supply decoupling to ensure that output noise and total
harmonic distortion (THD) remain low. Use good low equivalent-series-resistance (ESR) ceramic capacitors (X5R material or better is required for
best performance). Place a 2.2µF capacitor within 5mm of the PVDD pin. Reducing the distance between the decoupling capacitor and PVDD
minimizes parasitic inductance and resistance, improving PAM8901 / PAM8908 supply rejection performance. Use 0402 or smaller size capacitors
if possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com